Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004ROM Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
Signal/Connection Descriptions
Serial Host Interface (SHI)
MOTOROLA
DSP56004/D, Rev. 3
1-11
MISO
SDA
Input or
Output
Input or
Output
Tri-stated
SPI Master-In-Slave-Out (MISO)
—When the SPI is
configured as a master, MISO is the master data input
line. The MISO signal is used in conjunction with the
MOSI signal for transmitting and receiving serial data.
This signal is a Schmitt-trigger input when configured
for the SPI Master mode, an output when configured for
the SPI Slave mode, and tri-stated if configured for the
SPI Slave mode when SS is deasserted.
I2C Serial Data and Acknowledge (SDA)
—In I2C mode,
SDA is a Schmitt-trigger input when receiving and an
open-drain output when transmitting. SDA should be
connected to VCC through a pull-up resistor. SDA carries
the data for I2C transactions. The data in SDA must be
stable during the high period of SCL. The data in SDA is
only allowed to change when SCL is low. When the bus
is free, SDA is high. The SDA line is only allowed to
change during the time SCL is high in the case of Start
and Stop events. A high-to-low transition of the SDA line
while SCL is high is an unique situation, and is defined
as the Start event. A low-to-high transition of SDA while
SCL is high is an unique situation, and is defined as the
Stop event.
Note:
This line is tri-stated during hardware reset, software
reset, or individual reset (no need for external pull-up
in this state).
MOSI
HA0
Input or
Output
Input
Tri-stated
SPI Master-Out-Slave-In (MOSI)
—When the SPI is
configured as a master, MOSI is the master data output
line. The MOSI signal is used in conjunction with the
MISO signal for transmitting and receiving serial data.
MOSI is the slave data input line when the SPI is
configured as a slave. This signal is a Schmitt-trigger
input when configured for the SPI Slave mode.
I2C Slave Address 0 (HA0)—
This signal uses a Schmitt-
trigger input when configured for the I2C mode. When
configured for I2C Slave mode, the HA0 signal is used to
form the slave device address. HA0 is ignored when the
SHI is configured for the I2C Master mode.
Note:
This signal is tri-stated during hardware reset,
software reset, or individual reset (no need for
external pull-up in this state).
Table 1-8
Serial Host Interface (SHI) signals (Continued)
Signal Name
Signal
Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com