Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9080Q Datasheet(PDF) 31 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 31 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 27Page - ESS Technology,Inc ES9080Q Datasheet HTML 28Page - ESS Technology,Inc ES9080Q Datasheet HTML 29Page - ESS Technology,Inc ES9080Q Datasheet HTML 30Page - ESS Technology,Inc ES9080Q Datasheet HTML 31Page - ESS Technology,Inc ES9080Q Datasheet HTML 32Page - ESS Technology,Inc ES9080Q Datasheet HTML 33Page - ESS Technology,Inc ES9080Q Datasheet HTML 34Page - ESS Technology,Inc ES9080Q Datasheet HTML 35Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
31
ES9080 Product Datasheet
Absolute Maximum Ratings
Table 13 - Absolute Maximum Ratings
WARNING: Stresses beyond those listed under here may cause permanent damage to the device. These are stress ratings only and functional operation
of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device.
IO Electrical Characteristics
PARAMETER
SYMBOL
MINIMUM
MAXIMUM
UNIT
COMMENTS
High-level input voltage
VIH
(AVDD / 2) + 0.4
V
Low-level input voltage
VIL
0.4
V
High-level output voltage
VOH
AVDD – 0.2
V
IOH = ((AVDD / 2) +1.4) mA
Low-level output voltage
VOL
0.2
V
IOL = ((AVDD / 2) + 1.7) mA
Table 14 - IO electrical characteristics
PARAMETER
RATING
Positive Supply Voltage
•
AVCC_3V3_L, AVCC_3V3_R
•
AVCC_CP
•
VCCA
•
AVDD
•
DVDD
•
+3.7V with respect to Ground
•
+3.7V with respect to Ground
•
+3.7V with respect to Ground
•
+3.7V with respect to Ground
•
+1.4V with respect to Ground
Storage temperature
–65
C to +150C
Operating Junction Temperature
+125
C
Voltage range for digital input pins
–0.3V to AVDD(nom)+0.3V
ESD Protection
Human Body Model (HBM)
Charge Device Model (CDM)
2kV
500V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com