Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9080Q Datasheet(PDF) 64 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 64 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 60Page - ESS Technology,Inc ES9080Q Datasheet HTML 61Page - ESS Technology,Inc ES9080Q Datasheet HTML 62Page - ESS Technology,Inc ES9080Q Datasheet HTML 63Page - ESS Technology,Inc ES9080Q Datasheet HTML 64Page - ESS Technology,Inc ES9080Q Datasheet HTML 65Page - ESS Technology,Inc ES9080Q Datasheet HTML 66Page - ESS Technology,Inc ES9080Q Datasheet HTML 67Page - ESS Technology,Inc ES9080Q Datasheet HTML 68Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
64
Register 31: ANALOG CTRL CONFIG
Bits
[7:6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
2'd0
1'b0
1'b1
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
AMP_PDB_ON_SS
DAC amp power control for soft ramp on normal mute.
•
1'b0: When soft ramped to ground during normal
mute, keeps DAC AMP on
•
1'b1: When soft ramped to ground during normal mute
allow DAC AMP to shut down for power saving
(default)
"normal mute" includes: automute, mute by register, mute by
GPIO
[4]
AMP_PDB_CLK_INVALID
DAC amp power control for soft ramp on abnormal mute.
•
1'b0: When soft ramped to ground during abnormal
mute, keeps DAC AMP on
•
1'b1: When soft ramped to ground during abnormal
mute allow DAC AMP to shut down for power saving
(default)
"abnormal mute" includes: PLL unlock, BCK_WS ratio failed
[3]
RESERVED
NA
[2]
LP_DAC_REG_R
Set the low power mode for DAC regulator (Right)
•
1'b0: Normal Mode (default)
•
1'b1: Low power mode enabled
[1]
LP_DAC_REG_L
Set the low power mode for DAC regulator (Left)
•
1'b0: Normal Mode (default)
•
1'b1: Low power mode enabled
[0]
EN_FCB
Enable the fast charge for VREF_L AND VREF_R
•
1'b0: Enabled (default)
•
1'b1: Disable fast charge
Register 34-32: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com