Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9080Q Datasheet(PDF) 91 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 91 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 87Page - ESS Technology,Inc ES9080Q Datasheet HTML 88Page - ESS Technology,Inc ES9080Q Datasheet HTML 89Page - ESS Technology,Inc ES9080Q Datasheet HTML 90Page - ESS Technology,Inc ES9080Q Datasheet HTML 91Page - ESS Technology,Inc ES9080Q Datasheet HTML 92Page - ESS Technology,Inc ES9080Q Datasheet HTML 93Page - ESS Technology,Inc ES9080Q Datasheet HTML 94Page - ESS Technology,Inc ES9080Q Datasheet HTML 95Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
91
ES9080 Product Datasheet
Register 105: VOLUME AND MONO CTRL
Bits
[7]
[6]
[5]
[4]
[3:0]
Default
1'b0
1'b0
1'b0
1'b0
4'b0000
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6]
FORCE_VOLUME
Volume update control.
•
1'b0: Updates volume when toggling RUN_VOLUME
(default)
•
1'b1: Updates volume immediately after changing any
of VOLUME1-VOLUME8
[5]
DAC_USE_MONO_VOLUME
Defines how volume is controlled between channels.
•
1'b0: Separated volume control (default)
•
1'b1: Ch2/4/6/8 volumes are set by Ch1/3/5/7
volumes, respectively
[4]
RUN_VOLUME
Toggle RUN_VOLUME to update volumes set by VOLUME1-
VOLUME8
•
1’b0: Separate volume control for each channel
•
1’b1: Update all volumes at the same time
[3:0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com