Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9080Q Datasheet(PDF) 42 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 42 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 38Page - ESS Technology,Inc ES9080Q Datasheet HTML 39Page - ESS Technology,Inc ES9080Q Datasheet HTML 40Page - ESS Technology,Inc ES9080Q Datasheet HTML 41Page - ESS Technology,Inc ES9080Q Datasheet HTML 42Page - ESS Technology,Inc ES9080Q Datasheet HTML 43Page - ESS Technology,Inc ES9080Q Datasheet HTML 44Page - ESS Technology,Inc ES9080Q Datasheet HTML 45Page - ESS Technology,Inc ES9080Q Datasheet HTML 46Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
42
0x5F
95
VOLUME2
VOLUME2
0x60
96
VOLUME3
VOLUME3
0x61
97
VOLUME4
VOLUME4
0x62
98
VOLUME5
VOLUME5
0x63
99
VOLUME6
VOLUME6
0x64
100
VOLUME7
VOLUME7
0x65
101
VOLUME8
VOLUME8
0x66
102
DAC VOL UP
RATE
DAC_VOL_RATE_UP
0x67
103
DAC VOL
DOWN RATE
DAC_VOL_RATE_DOWN
0x68
104
DAC VOL
DOWN RATE
FAST
DAC_VOL_RATE_FAST
0x69
105
VOLUME AND
MONO CTRL
RESERVED
FORCE_VOLUME
DAC_USE_MON
O_VOLUME
RUN_VOLUME
RESERVED
0x6A
106
MUTE CTRL
DAC_MUTE_CH
8
DAC_MUTE_CH7
DAC_MUTE_CH
6
DAC_MUTE_CH5
DAC_MUTE_CH4
DAC_MUTE_CH3
DAC_MUTE_
CH2
DAC_MUTE_CH1
0x6B
107
DATA INVERT
CTRL
DAC_INVERT_C
H8
DAC_INVERT_CH
7
DAC_INVERT_C
H6
DAC_INVERT_CH5
DAC_INVERT_CH4
DAC_INVERT_CH
3
DAC_INVER
T_CH2
DAC_INVERT_CH
1
0x6C
108
FILTER
CONFIG
RESERVED
BYPASS_DEEMP
H
PEAK_FILTER
SEL_DEEMPH
FILTER_SHAPE
0x6D
109
IIR Config
IIR_DITHER_SCALE
RESERVED
IIR1_BW
0x6E
110
RESERVED
RESERVED
0x6F
111
THD COMP C2
CH1/3/5/7
THD_C2_CH1357
0x70
112
THD COMP C2
CH1/3/5/7
THD_C2_CH1357
0x71
113
THD COMP C3
CH1/3/5/7
THD_C3_CH1357
0x72
114
THD COMP C3
CH1/3/5/7
THD_C3_CH1357
0x73
115
THD COMP C2
CH2/4/6/8
THD_C2_CH2468
0x74
116
THD COMP C2
CH2/4/6/8
THD_C2_CH2468
0x75
117
THD COMP C3
CH2/4/6/8
THD_C3_CH2468
0x76
118
THD COMP C3
CH2/4/6/8
THD_C3_CH2468
0x77
119
AUTOMUTE
ENABLE
AUTOMUTE_EN
_CH8
AUTOMUTE_EN_
CH7
AUTOMUTE_EN
_CH6
AUTOMUTE_EN_CH
5
AUTOMUTE_EN_CH4
AUTOMUTE_EN_
CH3
AUTOMUTE_
EN_CH2
AUTOMUTE_EN_
CH1
0x78
120
AUTOMUTE
TIME
AUTOMUTE_TIME
0x79
121
AUTOMUTE
TIME
AUTOMUTE_RA
MP_TO_GROUN
D
AUTOMUTE_WAIT
_ON_DRE
RESERVED
AUTOMUTE_TIME
0x7A
122
AUTOMUTE
LEVEL
AUTOMUTE_LEVEL
0x7B
123
AUTOMUTE
LEVEL
AUTOMUTE_LEVEL
0x7C
124
AUTOMUTE
OFF LEVEL
AUTOMUTE_OFF_LEVEL
0x7D
125
AUTOMUTE
OFF LEVEL
AUTOMUTE_OFF_LEVEL
0x7E
126
SOFT RAMP
CONFIG
RESERVED
SOFT_RAMP_T
YPE
SOFT_RAMP_TIME
0x7F
127
RESERVED
RESERVED
0x80
128
NSMOD
DITHER
INVERT
NSMOD_DITHER_
INVERT_CH8
NSMOD_DITHER_
INVERT_CH7
NSMOD_DITHER_
INVERT_CH6
NSMOD_DITHER_
INVERT_CH5
NSMOD_DITHER_
INVERT_CH4
NSMOD_DITHER_
INVERT_CH3
NSMOD_DITHER_I
NVERT_CH2
NSMOD_DITHER
_INVERT_CH1
0x81
129
NSMOD AND
DITHER
CONFIG
RESERVED
IIR_DITHER_SEL
RESERVED
ENABLE_1_8TH_
GAIN_MODE
RESERVED
0x82
130
RESERVED
RESERVED
0x83
131
NSMOD
DITHER CH12
DITHER_SCALE_CH2
DITHER_SCALE_CH1
0x84
132
NSMOD
DITHER CH34
DITHER_SCALE_CH4
DITHER_SCALE_CH3
0x85
133
NSMOD
DITHER CH56
DITHER_SCALE_CH6
DITHER_SCALE_CH5
0x86
134
NSMOD
DITHER CH78
DITHER_SCALE_CH8
DITHER_SCALE_CH7
0x87
135
MIN_PEAK
RESERVED
MIN_PEAK
0x88-
0x8B
136-139
RESERVED
RESERVED
0x89
136
DRE ATT EN
AND THDR
CTRL
DRE_THDR_CTRL
_CH78
DRE_THDR_CTRL
_CH56
DRE_THDR_CTRL
_CH34
DRE_THDR_CTRL
_CH12
DRE_ATT_ENABL
E_CH78
DRE_ATT_ENABL
E_CH56
DRE_ATT_ENABL
E_CH34
DRE_ATT_ENABL
E_CH12
0x8A-
0x8
137-138
RESERVED
RESERVED
0x8B
139
DRE FORCE
DRE_FORCE_CH8
DRE_FORCE_CH6
DRE_FORCE_CH4
DRE_FORCE_CH2
DRE_FORCE_CH7
DRE_FORCE_CH5
DRE_FORCE_CH3
DRE_FORCE_CH
1
0x8C
140
DRE GAIN
CH1/3/5/7
DRE_GAIN1357



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com