Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9080Q Datasheet(PDF) 77 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 77 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 73Page - ESS Technology,Inc ES9080Q Datasheet HTML 74Page - ESS Technology,Inc ES9080Q Datasheet HTML 75Page - ESS Technology,Inc ES9080Q Datasheet HTML 76Page - ESS Technology,Inc ES9080Q Datasheet HTML 77Page - ESS Technology,Inc ES9080Q Datasheet HTML 78Page - ESS Technology,Inc ES9080Q Datasheet HTML 79Page - ESS Technology,Inc ES9080Q Datasheet HTML 80Page - ESS Technology,Inc ES9080Q Datasheet HTML 81Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
77
ES9080 Product Datasheet
Register 67-66: GPIO READ ENABLE
Bits
[15:12]
[11]
[10]
[9:6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
4'b0000
1'b0
1'b0
4'd0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[15:12]
RESERVED
NA
[11]
GPIO_AMP_MODE
When any GPIO_CFG is set to 6 (input system mode control):
•
1'b0: Power down when GPIO input is 1
•
1'b1: HIFI when GPIO input is 1 (when GPIO input is
0, system mode is determined by register
AMP_MODE (register 0, bit[1]))
[10]
GPIO1_AS_DATA8
Controls DATA8 input source.
•
1'b0: Gets DATA8 input from DATA8_I (default)
•
1'b1: Gets DATA8 input from GPIO1_I instead of
DATA8_I
[9:6]
RESERVED
NA
[5]
GPIO6_READ
GPIO6 readback control.
•
1'b0: GPIO6 Readback disabled (default)
•
1'b1: Allow readback of GPIO6_I
[4]
GPIO5_READ
GPIO5 readback control.
•
1'b0: GPIO5 Readback disabled (default)
•
1'b1: Allow readback of GPIO5_I
[3]
GPIO4_READ
GPIO4 readback control.
•
1'b0: GPIO4 Readback disabled (default)
•
1'b1: Allow readback of GPIO4_I
[2]
GPIO3_READ
GPIO3 readback control.
•
1'b0: GPIO3 Readback disabled (default)
•
1'b1: Allow readback of GPIO3_I
[1]
GPIO2_READ
GPIO2 readback control.
•
1'b0: GPIO2 Readback disabled (default)
•
1'b1: Allow readback of GPIO2_I
[0]
GPIO1_READ
GPIO1 readback control.
•
1'b0: GPIO1 Readback disabled (default)
•
1'b1: Allow readback of GPIO1_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com