Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9080Q Datasheet(PDF) 67 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 67 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 63Page - ESS Technology,Inc ES9080Q Datasheet HTML 64Page - ESS Technology,Inc ES9080Q Datasheet HTML 65Page - ESS Technology,Inc ES9080Q Datasheet HTML 66Page - ESS Technology,Inc ES9080Q Datasheet HTML 67Page - ESS Technology,Inc ES9080Q Datasheet HTML 68Page - ESS Technology,Inc ES9080Q Datasheet HTML 69Page - ESS Technology,Inc ES9080Q Datasheet HTML 70Page - ESS Technology,Inc ES9080Q Datasheet HTML 71Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
67
ES9080 Product Datasheet
Register 49: DIGITAL CTRL OVERRIDE
Bits
[7:6]
[5:4]
[3:2]
[1:0]
Default
2'd0
2’d0
2'd0
2'd0
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5:4]
BCK_WS_FAILED_CONFIG
When BCK/WS ratio fails:
•
2’b00: No operation (default)
•
2’b01: Reserved
•
2’b10: Force DAC to AVCC/2
•
2’b11: Force DAC to ground
[3:2]
CLK_AVALID_CONFIG
When SYS_CLK clock fails:
•
2'b00: No operation (default)
•
2'b01: Force DAC power down
•
2'b10: Force DAC to AVCC/2
•
2'b11: Force DAC to ground
[1:0]
RESERVED
NA
Register 50: FB_DIV TUNING CONFIG
Bits
[7]
[6]
[5:3]
[2:1]
[0]
Default
1'b0
1'b0
3'd0
2'd0
1'b0
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6]
CLEAR_CLK_REF_CNT
Write 1 to clear/disable RWS_REF counter, then write 0 to
start the counter. 0 by default.
[5:3]
RWS_REF_CNT_SEL
The RWS_REF counter will count for N RWS pos edges using
CLK_IDAC. N is:
•
3'd0: 256 (default)
•
3'd1: 512
•
3'd2: 1024
•
3'd3: 2048
•
3'd4: 4096
•
3'd5: 8192
•
3'd6: 16384
•
3'd7: 32768
[2:1]
RESERVED
NA
[0]
ENABLE_FBDIV_TUNE
Enables FB_DIV tuning logic using the RWS_REF counter.
•
1'b0: Disabled (default)
•
1'b1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com