Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF040B Datasheet(PDF) 4 Page - Microchip Technology

Part # SST25VF040B
Description  4-Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF040B Datasheet(HTML) 4 Page - Microchip Technology

  SST25VF040B Datasheet HTML 1Page - Microchip Technology SST25VF040B Datasheet HTML 2Page - Microchip Technology SST25VF040B Datasheet HTML 3Page - Microchip Technology SST25VF040B Datasheet HTML 4Page - Microchip Technology SST25VF040B Datasheet HTML 5Page - Microchip Technology SST25VF040B Datasheet HTML 6Page - Microchip Technology SST25VF040B Datasheet HTML 7Page - Microchip Technology SST25VF040B Datasheet HTML 8Page - Microchip Technology SST25VF040B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
 2005-2020 Microchip Technology Inc.
DS20005051F-page 4
SST25VF040B
2.0
PIN DESCRIPTION
FIGURE 2-1:
PIN ASSIGNMENTS
TABLE 2-1:
PIN DESCRIPTION
Symbol
Pin Name
Functions
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low for the
duration of any command sequence.
SO
Serial Data Output To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
Outputs Flash busy status during AAI Programming when reconfigured as RY/BY#
pin. See Section 5.5 “End of Write Detection” for details.
WP#
Write-Protect
The Write-Protect (WP#) pin is used to enable/disable BPL bit in the STATUS register.
VSS
Ground
VDD
Power Supply
To provide power supply voltage:2.7V-3.6V for SST25VF040B.
HOLD#
Hold
To temporarily stop serial communication with SPI Flash memory without resetting the
device.
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock input,
while output data is shifted out on the falling edge of the clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
Pin Assignment for 8-Lead SOIC
Pin Assignment for 8-Contact WSON
Top View
8
7
6
5
1
2
3
4
CE#
SO
WP#
V
SS
V
DD
HOLD#
SCK
SI
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
1
2
3
4
8
7
6
5
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com