Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF040B Datasheet(PDF) 10 Page - Microchip Technology

Part # SST25VF040B
Description  4-Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF040B Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST25VF040B Datasheet HTML 6Page - Microchip Technology SST25VF040B Datasheet HTML 7Page - Microchip Technology SST25VF040B Datasheet HTML 8Page - Microchip Technology SST25VF040B Datasheet HTML 9Page - Microchip Technology SST25VF040B Datasheet HTML 10Page - Microchip Technology SST25VF040B Datasheet HTML 11Page - Microchip Technology SST25VF040B Datasheet HTML 12Page - Microchip Technology SST25VF040B Datasheet HTML 13Page - Microchip Technology SST25VF040B Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
 2005-2020 Microchip Technology Inc.
DS20005051F-page 10
SST25VF040B
5.2
High-Speed Read (50 MHz)
The High-Speed Read instruction, supporting up to
50 MHz Read, is initiated by executing an 8-bit com-
mand, 0BH, followed by address bits [A23-A0] and a
dummy byte. CE# must remain active-low for the dura-
tion of the High-Speed Read cycle. See Figure 5-2 for
the High-Speed Read sequence.
Following a dummy cycle, the High-Speed Read
instruction outputs the data starting from the specified
address location. The data output stream is continuous
through all addresses until terminated by a low-to-high
transition on CE#.
The internal address pointer will automatically incre-
ment until the highest memory address is reached.
Once the highest memory address is reached, the
address pointer will automatically increment to the
beginning (wrap-around) of the address space. Once
the data from address location 7FFFFH has been read,
the next output will be from address location 00000H.
FIGURE 5-2:
HIGH-SPEED READ SEQUENCE
5.3
Byte Program
The Byte Program instruction programs the bits in the
selected byte to the desired data. The selected byte
must be in the erased state (FFH) when initiating a Pro-
gram operation. A Byte Program instruction applied to
a protected memory area will be ignored.
Prior to any write operation, the Write Enable (WREN)
instruction must be executed. CE# must remain
active-low for the duration of the Byte Program instruc-
tion.
The Byte Program instruction is initiated by executing
an 8-bit command, 02H, followed by address bits
[A23-A0]. Following the address, the data is input in
order from MSb (bit 7) to LSb (bit 0). CE# must be
driven high before the instruction is executed. The user
may poll the BUSY bit in the software STATUS register
or wait TBP for the completion of the internal self-timed
Byte Program operation. See Figure 5-3 for the Byte
Program sequence.
FIGURE 5-3:
BYTE PROGRAM SEQUENCE
Note:
X = Dummy Byte: 8 Clocks Input Dummy Cycle (VIL or VIH)
CE#
SO
SI
SCK
ADD.
012 34 5
6 7 8
ADD.
ADD.
0B
High-Impedance
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSb
MS
MSb
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
CE#
SO
SI
SCK
ADD.
0 1 234 5 6 78
ADD.
ADD.
DIN
02
MS
H
I
15 16
23 24
31 32
39
MODE 0
MODE 3
MS
MS
LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com