Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF040B Datasheet(PDF) 9 Page - Microchip Technology

Part # SST25VF040B
Description  4-Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF040B Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST25VF040B Datasheet HTML 5Page - Microchip Technology SST25VF040B Datasheet HTML 6Page - Microchip Technology SST25VF040B Datasheet HTML 7Page - Microchip Technology SST25VF040B Datasheet HTML 8Page - Microchip Technology SST25VF040B Datasheet HTML 9Page - Microchip Technology SST25VF040B Datasheet HTML 10Page - Microchip Technology SST25VF040B Datasheet HTML 11Page - Microchip Technology SST25VF040B Datasheet HTML 12Page - Microchip Technology SST25VF040B Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
 2005-2020 Microchip Technology Inc.
DS20005051F-page 9
SST25VF040B
5.1
Read (25 MHz)
The Read instruction, 03H, supports up to 25 MHz
Read. The device outputs the data starting from the
specified address location. The data output stream is
continuous through all addresses until terminated by a
low-to-high transition on CE#. The internal address
pointer will automatically increment until the highest
memory address is reached. Once the highest memory
address is reached, the address pointer will automati-
cally increment to the beginning (wrap-around) of the
address space. Once the data from address location
1FFFFFH has been read, the next output will be from
address location 00000H.
The Read instruction is initiated by executing an 8-bit
command, 03H, followed by address bits [A23-A0]. CE#
must remain active-low for the duration of the Read
cycle. See Figure 5-1 for the Read sequence.
FIGURE 5-1:
READ SEQUENCE
Note 1: One bus cycle is eight clock periods.
2: Address bits above the most significant bit of each density can be VIL or VIH.
3: 4-Kbyte Sector Erase addresses: use AMS-A12, remaining addresses are “don’t care” but must be set
either at VIL or VIH.
4: 32-Kbyte Block Erase addresses: use AMS-A15, remaining addresses are “don’t care” but must be set
either at VIL or VIH.
5: 64-Kbyte Block Erase addresses: use AMS-A16, remaining addresses are “don’t care” but must be set
either at VIL or VIH.
6: To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed
by 2 bytes of data to be programmed. Data Byte 0 will be programmed into the initial address [A23-A1] with
A0 = 0, Data Byte 1 will be programmed into the initial address [A23-A1] with A0 = 1.
7: The Read STATUS Register is continuous with ongoing clock cycles until terminated by a low-to-high tran-
sition on CE#.
8: Manufacturer’s ID is read with A0 = 0, and Device ID is read with A0 = 1. All other address bits are 00H.
The Manufacturer’s ID and device ID output stream is continuous until terminated by a low-to-high transi-
tion on CE#.
TABLE 5-1:
DEVICE OPERATION INSTRUCTION
Instruction
Description
Op Code Cycle(1)
Address
Cycle(s)(2)
Dummy
Cycle(s)
Data
Cycle(s)
CE#
SO
SI
SCK
ADD.
0 1 234 5 6 78
ADD.
ADD.
03
H
15 16
23 24
31 32
39 40
70
47
48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MS
MS
MS
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com