| Electronic Components Datasheet Search |
|
SST25VF040B Datasheet(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25VF040B Datasheet(HTML) 7 Page - Microchip Technology |
|
7 / 31 page ![]() 2005-2020 Microchip Technology Inc. DS20005051F-page 7 SST25VF040B 4.3.3 AUTO ADDRESS INCREMENT (AAI) The Auto Address Increment Programming Status bit provides status on whether the device is in AAI pro- gramming mode or Byte-Program mode. The default at power up is Byte-Program mode. 4.3.4 BLOCK PROTECTION (BP3, BP2, BP1, BP0) The Block Protection (BP3, BP2, BP1, BP0) bits define the size of the memory area, as defined in Table 4-3, to be software protected against any memory write (pro- gram or erase) operation. The Write STATUS Register (WRSR) instruction is used to program the BP3, BP2, BP1 and BP0 bits as long as WP# is high or the Block Protect Lock (BPL) bit is ‘0’. Chip Erase can only be executed if Block Protection bits are all ‘0’. After power- up, BP3, BP2, BP1 and BP0 are set to ‘1’. 4.3.5 BLOCK PROTECTION LOCK-DOWN (BPL) WP# pin driven low (VIL), enables the Block Protection Lock Down (BPL) bit. When BPL is set to ‘1’, it prevents any further alteration of the BPL, BP3, BP2, BP1, and BP0 bits. When the WP# pin is driven high (VIH), the BPL bit has no effect and its value is “don’t care”. After power-up, the BPL bit is reset to ‘0’. TABLE 4-3: SOFTWARE STATUS REGISTER BLOCK PROTECTION FOR SST25VF040B(1) Protection Level STATUS Register Bit Protected Memory Address BP3 BP2(2) BP1(2) BP0(2) 4 Mbits None X 00 0 None Upper 1/16 X 00 1 70000H-7FFFFH Upper 1/8 X 01 0 60000H-7FFFFH Upper 1/4 X 01 1 40000H-7FFFFH Upper 1/2 X 10 0 00000H-7FFFFH All Blocks X 10 1 00000H-7FFFFH All Blocks X 11 0 00000H-7FFFFH All Blocks X 11 1 00000H-7FFFFH Note 1: X = “Don’t care” (RESERVED) default is ‘0’. 2: Default at power-up for BP2, BP1, and BP0 is ‘111’. (All Blocks Protected) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |