Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF040B Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25VF040B
Description  4-Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF040B Datasheet(HTML) 1 Page - Microchip Technology

  SST25VF040B Datasheet HTML 1Page - Microchip Technology SST25VF040B Datasheet HTML 2Page - Microchip Technology SST25VF040B Datasheet HTML 3Page - Microchip Technology SST25VF040B Datasheet HTML 4Page - Microchip Technology SST25VF040B Datasheet HTML 5Page - Microchip Technology SST25VF040B Datasheet HTML 6Page - Microchip Technology SST25VF040B Datasheet HTML 7Page - Microchip Technology SST25VF040B Datasheet HTML 8Page - Microchip Technology SST25VF040B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
 2005-2020 Microchip Technology Inc.
DS20005051F-page 1
SST25VF040B
Features
• Single Voltage Read and Write Operations:
- 2.7V-3.6V
• Serial Interface Architecture:
- SPI Compatible: Mode 0 and Mode 3
• High-Speed Clock Frequency:
- Up to 50 MHz
• Superior Reliability:
- Endurance: 100,000 Cycles (typical)
- Greater than 100 years Data Retention
• Low-Power Consumption:
- Active Read Current: 10 mA (typical)
- Standby Current: 5 µA (typical)
• Flexible Erase Capability:
- Uniform 4-Kbyte sectors
- Uniform 32-Kbyte overlay blocks
- Uniform 64-Kbyte overlay blocks
• Fast Erase and Byte Program:
- Chip Erase Time: 35 ms (typical)
- Sector/Block Erase Time: 18 ms (typical)
- Byte Program Time: 7 µs (typical)
• Auto Address Increment (AAI) Programming:
- Decrease total chip programming time over
Byte Program operations
• End of Write Detection:
- Software polling the BUSY bit in STATUS
Register
- Busy Status readout on SO pin in AAI Mode
• Hold Pin (HOLD#):
- Suspends a serial sequence to the memory
without deselecting the device
• Write Protection (WP#):
- Enables/Disables the Lock-Down function of
the STATUS register
• Software Write Protection:
- Write protection through Block Protection bits
in STATUS register
• Temperature Range:
- Commercial: 0°C to +70°C
- Industrial: -40°C to +85°C
• All devices are RoHS compliant
Packages
• 8-Lead SOIC (208 mils), 8-Lead SOIC (150 mils)
and 8-Contact WSON (6 mm x 5 mm)
Description
The 25 series Serial Flash family features a four-wire,
SPI-compatible interface that allows for a low pin-count
package which occupies less board space and ulti-
mately lowers total system costs. The SST25VF040B
devices are enhanced with improved operating fre-
quency
and
even
lower
power
consumption.
SST25VF040B SPI serial Flash memories are manu-
factured with proprietary, high-performance CMOS
SuperFlash® technology. The split-gate cell design and
thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
SST25VF040B devices significantly improve perfor-
mance and reliability, while lowering power consump-
tion. The devices write (Program or Erase) with a single
power supply of 2.7V-3.6V for SST25VF040B. The total
energy consumed is a function of the applied voltage,
current, and time of application. Since for any given
voltage range, the SuperFlash technology uses less
current to program and has a shorter erase time, the
total energy consumed during any erase or program
operation is less than alternative Flash memory tech-
nologies.
See Figure 2-1 for pin assignments.
4-Mbit SPI Serial Flash


Similar Part No. - SST25VF040B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
4 Mbit SPI Serial Flash
2015
logo
Silicon Storage Technol...
SST25VF040B-50-4C-QAE SST-SST25VF040B-50-4C-QAE Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
More results

Similar Description - SST25VF040B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_10 Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
4 Mbit SPI Serial Flash
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com