Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPPERCATALOG Datasheet(PDF) 29 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 29 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 25Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 26Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 27Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 28Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 29Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 30Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 31Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 32Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 33Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
240
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Micro D-Twinax Transition Adapters
Push-Pull Quick Disconnect Interconnects
All dimensions for reference only
90° Bushing Assembly with Wired Micro D Plug
Transition Adapter
90° Bushing Assembly with Wired Micro D Jam Nut
Receptacle Transition Adapter
.531 REF.
.210
REF.
.210
REF.
.435
REF.
To facilitate tight cable bend requirements, Amphenol provides 90°
bushing assemblies which convert straight plug and receptacle
wired adapters into 90° wired adapters
90° Bushing Assembly with
Jam Nut Micro D Transition Adapter
PLUG TRANSITION
ADAPTER
90° BUSHING
ASSEMBLY
.563 REF.
.668 REF.
1.019
REF
JAM NUT RECEPTACLE
TRANSITION ADAPTER
1.264
REF.
90 BUSHING
ASSEMBLY
.563 REF.
.668 REF.
90° Bushing Assembly
Part Number
21-033425-201
90° bushing assembly is ordered separately
Adapters are not included with bushing assembly
Illustrations below show how the 90° bushing assembly
attaches to either a plug or a jam nut receptacle adapter
Amphenol transition adapters are capable of terminating to additional 100 Ohm
cables beyond what are listed in the charts on pages 1 and 2 Cables need to
have the following dimensions:
• 0210/ 011 Dia stranded center conductor (26/30 AWG)
• 045 Dia max inner wire insulation
• 115 Dia max outer braid (round type preferred)
• 150 Dia max jacket
Consult Amphenol Aerospace for other cable termination possibilities
90° Bushing Assemblies for use with Wired
Micro D -Twinax Transition Adapters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com