Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPPERCATALOG Datasheet(PDF) 6 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 6 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 2Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 3Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 4Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 5Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 6Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 7Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 8Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 9Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 10Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
217
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
4
TRIAX CONTACTS WITH
THREE CONDUCTORS FOR
USE WITH TRIAX CABLE
Amphenol supplies sizes 8, 10 and 12
triax contacts for use in MIL-DTL-38999
Series I, II and III connectors Triax con-
tacts provide additional shielding when terminated to triax
cable having solid or stranded center conductors See cable compatibility in
the Cable Usage Guide and performance data and ordering of triax contacts
on pages 254-257 Each of the three conductors of the triax contact is separated by
dielectric insulation to isolate ground planes and to improve shielding
effectiveness All conductors are crimp terminated for high reliability and ease of
assembly Triax contacts may be specified for direct connection to printed circuit boards
For maximum system flexibility, triax contacts may be mixed
with coax, twinax and power contacts in a single connector
Coax Contacts with High Frequency Range
DC to 40 GHz
Overview
HIGH FREQUENCY
COAX CONTACTS WITH
“FLOAT MOUNT”
TECHNOLOGY
Amphenol Aerospace now offers DC to
40 GHz size 8 coaxial contacts for the
D38999 housing and standard inserts
These contacts can be terminated to a
multiple of cable types depending on the
application
High Frequency Size 8 Coax
Contacts with “Float Mount“
Technology
By using standard interfaces that are based on MIL-STD-348 and can be installed in
any D38999 size 8 insert, Amphenol has transformed the circular connector industry
This technology expands the use of D38999 connectors to include the microwave
transmission lines within the multi-port configuration without change to a custom
connector
The high frequencies are maintained by Amphenol’s unique“Float Mount”technology
This technology allows for consistent microwave performance while maintaining tight
mechanical tolerances This consistency provides superior electrical performance
and, unlike other blindmate connectors, will maintain an accurate phase length when
mated See page 250 for specifications, performances and ordering of this contact
Twinax Contacts for Printed
Circuit Board Applications
PC TAIL TWINAX
CONTACTS
Amphenol provides Printed Circuit
Tail Twinax contacts for MIL-
DTL-38999 Series I and III circular
connectors and also for ARINC
404 and ARINC 600 rectangular
connectors High reliability is
assured with factory pre-assem-
bled contacts and standardized
termination to the board
Variety of PC Tail Twinax Contacts
ShieldedTriaxContacts
Triax Contacts
HF38999 - D38999 Connectors
with High Frequency
Coax Contacts
Printed Circuit Twinax Contacts provide
a cost effective packaging solution for
limited space applications where
connectors are attached to printed
circuit boards.
D38999 Connectors
with PC Tail
Twinax
Contacts
Rail Launch MIL-STD-1760
Connector with
Triax Contacts
See pages 255-257 for performance data and ordering of PC tail twinax contacts, and
consult Amphenol Aerospace for further information needed Also see the Printed
Circuit Board and the Series I, II, III section for MIL-DTL-38999 connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com