Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPPERCATALOG Datasheet(PDF) 41 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 41 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 37Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 38Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 39Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 40Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 41Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 42Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 43Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 44Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 45Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
252
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Twinax Contacts for MIL-DTL-38999
General Description, Application Data - Size 8
High performance connectors within the D38999 families are the most
commonly used connectors for incorporation of Twinax contacts These
connectors offer wide versatility in insert arrangements for not only
concentric Twinax contacts, but also coax, triax, PCB, wire wrap,
thermocouples and EMI filter contacts
Other connectors available with concentric Twinax contacts:
• Wire Integrated Connectors (WICS) for Data Bus Systems
Consult Amphenol Aerospace, Sidney, NY
• ARINC 404, ARINC 600 and R27 Series rectangular connectors
Supplied by Amphenol Canada
SIZE 8 CONCENTRIC TWINAX CONTACTS
The size 8 concentric Twinax contact was developed for use in MIL-
STD-1553 Airborne multiplex data bus applications which require high
performance interconnect characteristics in multi-pin connectors Ideal
for this application need is the high performance Tri-Start connector with
its fully scoop-proof feature of recessed pins The concentric Twinax
contact is crimp terminable to twisted shielded cable Features include:
• Provides protection from magnetic and electrostatic interference
including nuclear electromagnetic pulse
• Maintains shield integrity through a multi-pin circular
connector and does not require contact polarization within the insert
• 175°C rated and meets performance levels of MIL-DTL-38999
Series III connectors
• MIL-C-17/176-00002 cable termination
• Gold plated full crimp termination contacts qualified to
M39029/90 & /91
• Integral part of the MIL-STD-1760 interconnection system
• Also available in modified but intermateable versions for termination
to a host of cables (See chart on next page)
TYPICAL ELECTRICAL PERFORMANCE
Size 8 Concentric Twinax Contacts
Voltage Rating: 500 Vrms max @ sea level
Contact Resistance:
Center @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Intermediate @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Outer @ 12 Amps, 75 millivolts max voltage drop @ 25°C
Operating Frequency: 0–20 MHz
Dielectric Withstanding Voltage:
Center to Intermediate: 1000 VAC Rms @ Sea Level
Intermediate to Outer: 500 VAC Rms@ Sea Level
SHORT PROFILE TWINAX CONTACT OPTION
A Short Profile size 8 Twinax is available that can be used with a low
profile right angle backshell and can offer increased packaging efficiency
Consult Amphenol Aerospace for further information
MIL-DTL-38999 Series III Connector with Twinax
Contacts and Standard Contacts
Concentric Twinax Contacts Size 8
Short Profile Twinax vs
Standard Length Twinax Contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com