Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPPERCATALOG Datasheet(PDF) 33 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 33 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 29Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 30Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 31Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 32Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 33Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 34Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 35Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 36Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 37Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
244
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Center
Conductor
Insulation
Braid
Jacket
Coaxial Contacts for MIL-DTL-38999
General Description
Amphenol® Coaxial Contacts-Offerseveraladvantages
for reliable interconnection and continued performance:
• Large crimping area assures low contact resistance and high
tensile strength
• Back insulator positively captivates inner contact against
axial loads
• Front insulator provides closed entry for socket inner contact
• Recessed inner contact is protected
• Outer contact has rugged wall section for durability
TYPICAL SUBMINIATURE COAX
SOCKET CONTACT has socket outer
contact with a pin inner contact
TYPICAL SUBMINIATURE COAX
PIN CONTACT has pin outer con-
tact with a socket inner contact
MIL-DTL-38999 LJT-R, JT-R, TV-R, SJT-R MS Type,
Coax Size 12 Socket Assembled Contact
MIL-DTL-38999 LJT-R, JT-R, TV-R, SJT-R MS Type,
Coax Size 16 Pin Unassembled Contact
MIL-DTL-38999 LJT-R, JT-R, TV-R, SJT-R MS Type,
Coax Size 8 Pin Assembled Contact
MIL-DTL-38999 LJT-R, JT-R, TV-R, SJT-R MS Type,
Coax Size 8 Socket Unassembled Contact
Cable Illustration - Coax Contact
Coax Contacts are gold plated, crimp termination
Finish of mating contact parts: supplied with 0 000050 min gold over nickel
on mating parts Other finishes are available; consult Amphenol for further
information
Coax Size 12 & 16 Contact Performance:
• Typical VSWR: 1 5:1 maximum up to 700 MHz and 500 MHz
respectively, for properly cabled size 12 and 16 coaxial contacts in the
M38999 Series I, II and III
• Insulation Resistance: 5,000 megohms minimum @ 25°C
• Dielectric Withstanding Voltage:
Size 12: 1,000 VAC Rms @ sea level, 250 VAC Rms @ 50,000 ft
Size 16: 800 VAC Rms @ sea level, 250 VAC Rms @ 50,000 ft
• Contact Resistance: See MIL-C-39029/27, /28, /75, /76, /77, /78
Coax Size 8 Contact Performance:
• Typical VSWR when terminated to specified 50 ohm cable:
1 5:1 maximum up to 3 GHz (excluding 21-033101/2-27)
• Insulation Resistance: 5,000 megohms minimum @ 25°C
• Dielectric Withstanding Voltage:
1,300 VAC Rms @ sea level, 250 VAC Rms @ 50,000 ft
• Contact Resistance: See MIL-C-39029/59, /60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com