Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPPERCATALOG Datasheet(PDF) 52 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 52 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 48Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 49Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 50Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 51Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 52Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 53Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 54Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 55Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 56Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
263
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Coaxial Contacts for MIL-DTL-5015,
Heavy Duty MIL-DTL-22992 Application Data
COAX CONTACTS
For use in MS/Standard MIL-DTL-5015 Type and Heavy Duty MIL-DTL-22992 Type Connectors
Cable
Contact Part Number
(See L-650 Termination
Instruction Sheet for all
contacts listed below)**
Size
Finish
on
Mating
Parts
(See
Pg 42)
Dimensional Data
(See Drawings above)
Crimp FerruleTools
Retainer
Nut
Wrench
G
Dia
H
Dia
±
0 001
F
Across
Flats
±0 004
L
Length Ref
Pin
Socket
Pin
Socket
MIL-T-22910/7-1
Tool Use with Die
Part Number
MIL-T-22520/5-01
Tool Use with Die
Part Number
MIL-T-229520/10-01
Tool Use with Die
Part Number
RG-58C/U,
RG-141A/U,
RG-303/U
21-033014-001
21-033034-002
21-033048-002
21-033016-005
21-033130-002( )
21-033013-001
21-033033-002
21-033047-002
21-033015-005
21-033129-002( )
8
8
8
8
8
5
1
††
3
***
0 0355
± 0 0010
0 218
0 280
1 481 1 511
M22910/7-15 (B)
M22520/5-05 (B)
M22520/5-41 (B)
M22520/10-07 (B)
11-8676-2
RG-59B/U,
RG-62A/U,
RG-62B/U,
RG-210/U
21-033014-005
21-033016-002
21-033034-005
21-033130-005( )
21-033064-021( )
21-033013-005
21-033015-002
21-033033-005†
21-033129-005( )
21-033063-021( )
8
8
8
8
8
5
3
1
***
***
0 0355
± 0 0010
0 218
0 280
1 481 1 511
M22910/7-18 (B)
M22520/5-45 (B)
11-8676-3
21-033060-010( ) 21-033059-010( ) 4
***
0 0400
± 0 0010
0 344
0 375
1 669 1 605
11-8676-4
RG-161/U,
RG-174A/U,
RG-179B/U,
RG-187A/U,
RG-188A/U,
RG-316/U
21-033014-003
21-033016-001
21-033034-003
21-033130-003( )†
21-033064-020( )†
21-033013-003
21-033015-001
21-033033-003
21-033129-003( )†
21-033063-020( )†
8
8
8
8
8
5
3
1
***
***
0 0355
± 0 0010
0 218
0 280
1 481 1 511
M22910/7-12 (B)
M22520/5-03 (A)
M22520/5-08 (A)
M22520/5-35 (B)
M22520/10-05 (A)
11-8676-2
21-033014-021
21-033034-001
21-033048-001
21-033130-001( )†
21-033013-021
21-033033-001
21-033047-001
21-033129-001( )†
12
12
12
12
5
1
***
***
0 0200
± 0 0005
0 128
0 172
11-8676-1
RG-178B/U,
RG-196A/U
21-033014-022† 21-033013-022† 12
5
0 0200
± 0 0005
0 128
0 172
1 481 1 511
M22910/7-11 (B)
M22520/5-03 (B)
M22520/5-33 (B)
M22520/10-05 (B)
11-8676-1
RG-180B/U,
RG-195A/U
21-033014-006
21-033034-006†
21-033048-003
21-033130-006( )†
21-033013-006
21-033033-006†
21-033047-003
21-033129-006( )
8
8
8
8
5
1
***
***
0 355
± 0 0010
0 218
0 280
1 481 1 511
M22910/7-15 (B)
M22520/5-05 (B)
M22520/5-41 (B)
M22520/10-07 (B)
11-8676-2
RG-212/U
21-033060-011( ) 21-033059-011( ) 4
***
0 0625
± 0 0010
0 344
0 375
1 669 1 605
M22910/7-14 (A)
M22520/5-39 (A)
11-8676-4
RG-140/U,
RG-302/U
21-033014-008
21-033034-008
21-033130-008( )†
21-033013-008
21-033033-008
21-033129-008( )†
8
8
8
5
1
***
0 0355
± 0 0010
0 218
0 280
1 481 1 511
M22910/7-17 (B)
M22520/5-05 (A)
M22520/5-19 (B)
M22520/10-07 (A)
11-8676-2
RG-55B/U,
RG-142A/U,
RG-142B/U,
RG-223/U
21-033014-004
21-033034-004
21-033130-004( )
21-033013-004
21-033033-004
21-033129-004( )
8
8
8
5
1
***
0 0355
± 0 0010
0 218
0 280
1 481 1 511
M22910/7-17 (B)
M22520/5-05 (A)
M22520/5-19 (B)
M22520/10-07 (A)
11-8676-2
21-033060-102( ) 21-033059-012( ) 4
***
0 0625
± 0 0010
0 344
0 375
1 669 1 605
11-8676-4
SOCKET
PIN
L
H
G
MATING
PIN DIA
L
H
G MATING
PIN DIA
F
F
NOTE: All contacts of the same size and the same inner and outer contact diameters (G & H) will mate with each other
***See finish options for MS/Standard and Heavy Duty contacts listed on page 262
Replace the parenthesis of the contact part number with the finish suffix number However,
you should consult Amphenol Aerospace regarding the availability of all finish choices for
each part number
† Consult Amphenol Aerospace for current availability of this contact
CRIMPING TOOLS: Italicized letters in parenthesis that follow
positioner part numbers indicate applicable die closure Commercial
equivalents with the same die closure dimension may be used
†† 21-033047-X and 21-033048-X are supplied with E (soft gold)
finish on mating socket parts, and F (hard gold) finish on mating pin
parts **Termination instruction sheet L-650 can be found on-line at:
www amphenol-aerospace com/serviceinstructions asp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com