Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPPERCATALOG Datasheet(PDF) 40 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 40 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 36Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 37Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 38Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 39Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 40Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 41Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 42Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 43Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 44Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
251
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Jacket
Braid
Insulation
Center
Conductor
Twinax Contacts for MIL-DTL-38999
General Description, Application Data - Size 10 &12
Amphenol®Twinax Contacts-Weredesignedfor
use with twinax cable in Data Bus systems Twinax contacts
provide the following benefits:
• Protection from magnetic interference
• Protection from electrostatic interference including nuclear
electromagnetic pulse
• Meets parameters defined by MIL-STD-1553B
• Maintains shield integrity through a multi-pin circular
connector and does not require contact polarization within
the insert
SIZE 10 & 12 CONCENTRIC TWINAX
CONTACTS
The size 12 concentric twinax contact interface was developed for
JN1104 EuroFighter contacts, and can be used in any size 12
cavity M38999 I, II or III or SJT connector
Features:
• Operating temperature –55°C to 175°C
• Pins are scoop-proof
• Meets performance levels of M38999 connector
• 4 components, gold plated crimp termination
• For use with a variety of cables (See chart below)
TYPICAL ELECTRICAL PERFORMANCE
Size 10 & 12 Concentric Twinax Contacts
Voltage Rating: 500 Vrms max @ sea level
Contact Resistance:
Center @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Intermediate @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Outer @ 12 Amps, 85 millivolts max voltage drop @ 25°C
Operating Frequency: 0–30 MHz
Dielectric Withstanding Voltage:
Center to Intermediate 800 VAC Rms @ Sea Level
Intermediate to Outer 500 VAC Rms @ Sea Level
SIZE 10 & 12 CONCENTRIC TWINAX CONTACTS FOR USE IN D38999 CONNECTORS
For use with
Cable
Concentric Twinaxial Contact
Part Number
(Termination Instruction Sheet)**
Contact Size
Comments
Connector
Series
Pin
Socket
M17/176-00002,
ST5M1212-002,
TWC-78-1
21-033909-025
(L-2092-G)
21-033908-025
(L-2092-G)
12
JN1104 Interface
D38999 Series I, III
0024A0024, Fileca
F2709-13-CA
21-033909-028
(L-2092-G)
21-033908-028
(L-2092-G)
EPD32263A,10612,
GSC-12-2548-00
21-033909-029
(L-2092-H)
21-033908-029
(L-2092-H)
ASNE0849,
5PTM1T04-1
21-033909-081
(L-2092-AB)
21-033908-081
(L-2092-AB)
VG95218T023D002
21-033909-091
(L-2092-AC)
21-033908-091
(L-2092-AC)
VG95218T023D002,
55PC1221-24
21-033909-101
(L-2092-AC)
21-033908-101
(L-2092-AC)
Same as -91 except
new ferrule with wire
support
M17/176-00002,
GSC-12-2549-00
21-033640-025
(L-2092-W)
12
JN1104 Interface
D38999 Series II
0024A0024
21-033640-028
(L-2092-V)
5M2022-003
21-033844-001
(L-1255-A)
21-033843-001
(L-1255-B)
10
Supplied with
Thermal fit sleeve
D38999 Series I, III
**Termination instructions are packaged with each contact and can be found on-line at: www amphenol-aerospace com/serviceinstructions asp
Concentric Twinax Contacts Size 12
Unassembled Components of Size
12 Concentric Twinax Contact
Cable Illustration - Twinax Contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com