Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 79 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 79 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 75Page - STMicroelectronics M29DW128F Datasheet HTML 76Page - STMicroelectronics M29DW128F Datasheet HTML 77Page - STMicroelectronics M29DW128F Datasheet HTML 78Page - STMicroelectronics M29DW128F Datasheet HTML 79Page - STMicroelectronics M29DW128F Datasheet HTML 80Page - STMicroelectronics M29DW128F Datasheet HTML 81Page - STMicroelectronics M29DW128F Datasheet HTML 82Page - STMicroelectronics M29DW128F Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
M29DW128F
Common Flash Interface (CFI)
79/94
Table 37.
CFI Query System Interface information(1)
Address
Data
Description
Value
x16
x8
1Bh
36h
0027h
VCC Logic Supply Minimum Program/Erase voltage
bit 7 to 4BCD value in volts
bit 3 to 0BCD value in 100mV
2.7V
1Ch
38h
0036h
VCC Logic Supply Maximum Program/Erase voltage
bit 7 to 4BCD value in volts
bit 3 to 0BCD value in 100mV
3.6V
1Dh
3Ah
00B5h
VPP [Programming] Supply Minimum Program/Erase voltage
bit 7 to 4HEX value in volts
bit 3 to 0BCD value in 100mV
11.5V
1Eh
3Ch
00C5h
VPP [Programming] Supply Maximum Program/Erase voltage
bit 7 to 4HEX value in volts
bit 3 to 0BCD value in 10mV
12.5V
1Fh
3Eh
0004h
Typical timeout per single byte/Word program = 2n µs
16µs
20h
40h
0000h
Typical timeout for minimum size write buffer program = 2n µs
NA
21h
42h
0009h
Typical timeout per individual block erase = 2n ms
512ms
22h
44h
0000h
Typical timeout for full Chip Erase = 2n ms
NA
23h
46h
0005h
Maximum timeout for byte/Word program = 2n times typical
512µs
24h
48h
0000h
Maximum timeout for write buffer program = 2n times typical
NA
25h
4Ah
0004h
Maximum timeout per individual block erase = 2n times typical
8s
26h
4Ch
0000h
Maximum timeout for Chip Erase = 2n times typical
NA
1.
The values given in the above table are valid for both packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com