Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 41 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 37Page - STMicroelectronics M29DW128F Datasheet HTML 38Page - STMicroelectronics M29DW128F Datasheet HTML 39Page - STMicroelectronics M29DW128F Datasheet HTML 40Page - STMicroelectronics M29DW128F Datasheet HTML 41Page - STMicroelectronics M29DW128F Datasheet HTML 42Page - STMicroelectronics M29DW128F Datasheet HTML 43Page - STMicroelectronics M29DW128F Datasheet HTML 44Page - STMicroelectronics M29DW128F Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
M29DW128F
Command interface
41/94
6.3
Block Protection commands
Blocks or groups of blocks can be protected against accidental program, erase or read
operations. The Protection Groups are shown in Appendix A, Table 34: Block Addresses
and Protection Groups. The device block protection scheme is shown in Figure 7: Software
Protection scheme and Figure 6: Block Protection State diagram. See either Table 15, or
Table 16, depending on the configuration that is being used, for a summary of the Block
Protection commands.
Only the commands related to the Extended Block Protection are available in both 8 bit and
16 bit memory configuration. The other block protection commands are available in 16-bit
configuration only.
6.3.1
Enter Extended Block command
The M29DW128F has one extra 256-byte block (Extended Block) that can only be accessed
using the Enter Extended Block command.
Three Bus Write cycles are required to issue the Extended Block command. Once the
command has been issued the device enters the Extended Block mode where all Bus Read
or Program operations are conducted on the Extended Block. Once the device is in the
Extended Block mode, the Extended Block is addressed by using the addresses occupied
by the boot blocks in the other operating modes (see Table 34: Block Addresses and
Protection Groups).
The device remains in Extended Block mode until the Exit Extended Block command is
issued or power is removed from the device. After power-up or a hardware reset, the device
reverts to the Read mode where commands issued to the Boot Block Address space will
address the Boot Blocks.
Note that when the device is in the Extended Block mode, the VPP/WP pin cannot be used
for fast programming and the Unlock Bypass mode is not available.
The Extended Block cannot be erased, and can be treated as one-time programmable
(OTP) memory. In Extended Block mode only array cell locations (Bank A) with the same
addresses as the Extended Block are not accessible. In Extended Block mode dual
operations are allowed and the Extended Block physically belongs to Bank A.
In Extended Block mode, Erase, Chip Erase, Erase Suspend and Erase resume commands
are not allowed.
To exit from the Extended Block mode the Exit Extended Block command must be issued.
The Extended Block can be protected by setting the Extended Block Protection bit to ‘1’;
however once protected the protection cannot be undone.
6.3.2
Exit Extended Block command
The Exit Extended Block command is used to exit from the Extended Block mode and return
the device to Read mode. Four Bus Write operations are required to issue the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com