Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 51 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 47Page - STMicroelectronics M29DW128F Datasheet HTML 48Page - STMicroelectronics M29DW128F Datasheet HTML 49Page - STMicroelectronics M29DW128F Datasheet HTML 50Page - STMicroelectronics M29DW128F Datasheet HTML 51Page - STMicroelectronics M29DW128F Datasheet HTML 52Page - STMicroelectronics M29DW128F Datasheet HTML 53Page - STMicroelectronics M29DW128F Datasheet HTML 54Page - STMicroelectronics M29DW128F Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
M29DW128F
Status Register
51/94
Figure 8.
Data Polling flowchart
Table 19.
Status Register bits(1)(2)
Operation
Address
DQ7
DQ6
DQ5
DQ3
DQ2
DQ1
RB
Program
Bank Address
DQ7
Toggle
0
–
–
0
0
Program During Erase
Suspend
Bank Address
DQ7
Toggle
0
–
–
–
0
Write to Buffer and
Program Abort
Bank Address
DQ7
Toggle
0
–
–
1
0
Program Error
Bank Address
DQ7
Toggle
1
–
–
–
Hi-Z
Chip Erase
Any Address
0
Toggle
0
1
Toggle
–
0
Block Erase before
timeout
Erasing Block
0
Toggle
0
0
Toggle
–
0
Non-Erasing Block
0
Toggle
0
0
No Toggle
–
0
Block Erase
Erasing Block
0
Toggle
0
1
Toggle
–
0
Non-Erasing Block
0
Toggle
0
1
No Toggle
–
0
Erase Suspend
Erasing Block
1
No Toggle
0
–
Toggle
–
Hi-Z
Non-Erasing Block
Data read as normal
–
Hi-Z
Erase Error
Good Block Address
0
Toggle
1
1
No Toggle
–
Hi-Z
Faulty Block Address
0
Toggle
1
1
Toggle
–
Hi-Z
1.
Unspecified data bits should be ignored.
2.
Figure 16 and Figure 17 describe Toggle and Alternative Toggle bits timing waveforms.
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
at VALID ADDRESS
FAIL
PASS
AI07760
DQ7
=
DATA
YES
NO
YES
NO
DQ5 = 1
DQ7
=
DATA
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com