Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 80 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 80 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 76Page - STMicroelectronics M29DW128F Datasheet HTML 77Page - STMicroelectronics M29DW128F Datasheet HTML 78Page - STMicroelectronics M29DW128F Datasheet HTML 79Page - STMicroelectronics M29DW128F Datasheet HTML 80Page - STMicroelectronics M29DW128F Datasheet HTML 81Page - STMicroelectronics M29DW128F Datasheet HTML 82Page - STMicroelectronics M29DW128F Datasheet HTML 83Page - STMicroelectronics M29DW128F Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
Common Flash Interface (CFI)
M29DW128F
80/94
Table 38.
Device Geometry Definition(1)
Address
Data
Description
Value
x16
x8
27h
4Eh
0018h
Device Size = 2n in number of bytes
16
Mbytes
28h
50h
0001h
TBGA64
(x16 only)
Flash Device Interface Code description
x8, x16
Async.
0002h
TSOP56
(x8/x16)
29h
52h
0000h
Both
Packages
2Ah
54h
0006h
Maximum number of bytes in Multiple-byte program or Page= 2n
64
2Bh
56h
0000h
2Ch
58h
0003h
Number of Erase Block Regions(1). It specifies the number of regions
containing contiguous Erase Blocks of the same size.
3
2Dh
2Eh
5Ah
5Ch
0007h
0000h
Erase Block Region 1 Information
Number of Erase Blocks of identical size = 0007h+1
8
2Fh
30h
5Eh
60h
0020h
0000h
Erase Block Region 1 Information
Block size in Region 1 = 0020h * 256 byte
8
Kbytes
31h
32h
62h
64h
00FDh
0000h
Erase Block Region 2 Information
Number of Erase Blocks of identical size = 00FDh+1
254
33h
34h
66h
68h
0000h
0001h
Erase Block Region 2 Information
Block size in Region 2 = 0100h * 256 byte
64
Kbytes
35h
36h
6Ah
6Ch
0007h
0000h
Erase Block Region 3 information
Number of Erase Blocks of identical size = 0007h + 1
8
37h
38h
6Eh
70h
0020h
0000h
Erase Block Region 3 information
Block size in region 3 = 0020h * 256 bytes
8
Kbytes
39h
3Ah
3Bh
3Ch
72h
74h
76h
78h
0000h
0000h
0000h
0000h
Erase Block Region 4 information
0
1.
Erase Block Region 1 corresponds to addresses 000000h to 007FFFh; Erase block Region 2 corresponds to addresses
008000h to 3F7FFFh and Erase Block Region 3 corresponds to addresses 3F8000h to 3FFFFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com