Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 14 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 10Page - STMicroelectronics M29DW128F Datasheet HTML 11Page - STMicroelectronics M29DW128F Datasheet HTML 12Page - STMicroelectronics M29DW128F Datasheet HTML 13Page - STMicroelectronics M29DW128F Datasheet HTML 14Page - STMicroelectronics M29DW128F Datasheet HTML 15Page - STMicroelectronics M29DW128F Datasheet HTML 16Page - STMicroelectronics M29DW128F Datasheet HTML 17Page - STMicroelectronics M29DW128F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
Signal descriptions
M29DW128F
14/94
2
Signal descriptions
See Figure 1: Logic diagram, and Table 1: Signal names, for a brief overview of the signals
connected to this device.
2.1
Address Inputs (A0-A22)
The Address Inputs select the cells in the memory array to access during Bus Read
operations. During Bus Write operations they control the commands sent to the Command
Interface of the Program/Erase Controller.
2.2
Data Inputs/Outputs (DQ0-DQ7)
The Data I/O outputs the data stored at the selected address during a Bus Read operation.
During Bus Write operations they represent the commands sent to the Command Interface
of the internal state machine.
2.3
Data Inputs/Outputs (DQ8-DQ14)
The Data I/O outputs the data stored at the selected address during a Bus Read operation
when BYTE is High, VIH. When BYTE is Low, VIL, these pins are not used and are high
impedance. During Bus Write operations the Command Register does not use these bits.
When reading the Status Register these bits should be ignored.
2.4
Data Input/Output or Address Input (DQ15A–1)
When the device is in x16 Bus mode, this pin behaves as a Data Input/Output pin (as DQ8-
DQ14). When the device is in x8 Bus mode, this pin behaves as an address pin; DQ15A–1
Low will select the LSB of the addressed Word, DQ15A–1 High will select the MSB.
Throughout the text consider references to the Data Input/Output to include this pin when
the device operates in x16 bus mode and references to the Address Inputs to include this
pin when the device operates in x8 bus mode except when stated explicitly otherwise.
2.5
Chip Enable (E)
The Chip Enable pin, E, activates the memory, allowing Bus Read and Bus Write operations
to be performed. When Chip Enable is High, VIH, all other pins are ignored.
2.6
Output Enable (G)
The Output Enable pin, G, controls the Bus Read operation of the memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com