Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 15Page - STMicroelectronics M29DW128F Datasheet HTML 16Page - STMicroelectronics M29DW128F Datasheet HTML 17Page - STMicroelectronics M29DW128F Datasheet HTML 18Page - STMicroelectronics M29DW128F Datasheet HTML 19Page - STMicroelectronics M29DW128F Datasheet HTML 20Page - STMicroelectronics M29DW128F Datasheet HTML 21Page - STMicroelectronics M29DW128F Datasheet HTML 22Page - STMicroelectronics M29DW128F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
M29DW128F
Bus operations
19/94
3.5
Automatic Standby
If CMOS levels (VCC ± 0.2V) are used to drive the bus and the bus is inactive for 300ns or
more the memory enters Automatic Standby where the internal Supply Current is reduced to
the Standby Supply Current, ICC2. The Data Inputs/Outputs will still output data if a Bus
Read operation is in progress.
3.6
Special Bus operations
Additional bus operations can be performed to read the Electronic Signature, verify the
Protection Status of the Extended Memory Block (second section), and apply and remove
Block Protection. These bus operations are intended for use by programming equipment
and are not usually used in applications. They require VID to be applied to some pins.
3.6.1
Read Electronic Signature
The memory has two codes, the Manufacturer code and the Device code used to identify
the memory. These codes can accessed by performing read operations with control signals
and addresses set as shown in Table 4 and Table 6. These codes can also be accessed by
issuing an Auto Select command (see Section 6.1.2: Auto Select command).
3.6.2
Verify Extended Block Protection Indicator
The Extended Block is divided in two sections of which one is Factory Locked and the
second one is either Customer Lockable or Customer Locked.
The Protection Status of the second section of the Extended Block (Customer Lockable or
Customer Locked) can be accessed by reading the Extended Block Protection Indicator.
This is performed by applying the signals as shown in Table 5 and Table 8. The Protection
Status of the Extended Block is then output on bits DQ7 and DQ6 of the Data Input/Outputs.
(see Table 3 and Table 6, Bus Operations).
The Protection Status of the Extended Block can also be accessed by issuing an Auto
Select command (see Section 6.1.2: Auto Select command).
3.6.3
Verify Block Protection Status
The Protection Status of a Block can be directly accessed by performing a read operation
with control signals and addresses set as shown in Table 5 and Table 8. If the Block is
protected, then 01h (in x8 mode) is output on Data Input/Outputs DQ0-DQ7, otherwise 00h
is output.
3.6.4
Hardware Block Protect
The VPP/WP pin can be used to protect the four outermost parameter blocks. When VPP/WP
is at VIL the four outermost parameter blocks are protected and remain protected regardless
of the Block Protection Status or the Reset/Block Temporary Unprotect pin state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com