Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 148Page - STMicroelectronics STM32G431C6 Datasheet HTML 149Page - STMicroelectronics STM32G431C6 Datasheet HTML 150Page - STMicroelectronics STM32G431C6 Datasheet HTML 151Page - STMicroelectronics STM32G431C6 Datasheet HTML 152Page - STMicroelectronics STM32G431C6 Datasheet HTML 153Page - STMicroelectronics STM32G431C6 Datasheet HTML 154Page - STMicroelectronics STM32G431C6 Datasheet HTML 155Page - STMicroelectronics STM32G431C6 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
152/198
DS12589 Rev 6
Table 83. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max(2)
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
2.7 V < VDD < 3.6 V
Voltage Range V1
--
75
MHz
Master mode
1.71 V < VDD < 3.6 V
Voltage Range V1
50
Master transmitter mode
1.71 V < VDD < 3.6 V
Voltage Range V1
50
Slave receiver mode
1.71 V < VDD < 3.6 V
Voltage Range V1
50
Slave mode transmitter/full duplex
2.7 V < VDD < 3.6 V
Voltage Range V1
41
Slave mode transmitter/full duplex
1.71 V < VDD < 3.6 V
Voltage Range V1
27
1.71 V < VDD < 3.6 V
Voltage Range V2
13
tsu(NSS) NSS setup time
Slave mode
4*Tpclk
--
-
th(NSS) NSS hold time
Slave mode
2*Tpclk
--
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode, SPI prescaler = 2
Tpclk-1
Tpclk
Tpclk+1
ns
tsu(MI)
Data input setup time
Master mode
4
-
-
ns
tsu(SI)
Slave mode
3
-
-
th(MI)
Data input hold time
Master mode
4
-
-
ns
th(SI)
Slave mode
1
-
-
ta(SO)
Data output access time Slave mode
9
-
34
ns
tdis(SO) Data output disable time Slave mode
9
-
16
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com