Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 151Page - STMicroelectronics STM32G431C6 Datasheet HTML 152Page - STMicroelectronics STM32G431C6 Datasheet HTML 153Page - STMicroelectronics STM32G431C6 Datasheet HTML 154Page - STMicroelectronics STM32G431C6 Datasheet HTML 155Page - STMicroelectronics STM32G431C6 Datasheet HTML 156Page - STMicroelectronics STM32G431C6 Datasheet HTML 157Page - STMicroelectronics STM32G431C6 Datasheet HTML 158Page - STMicroelectronics STM32G431C6 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 198 page
background image
DS12589 Rev 6
155/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
I2S characteristics
Unless otherwise specified, the parameters given in Table 84 for I2S are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 17: General operating conditions, with the following
configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30pF
•
Measurement points are done at CMOS levels: 0.5 VDD
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CK,SD,WS).
Note:
Refer to the reference manual RM0440 "STM32G4 Series advanced Arm®-based 32-bit
MCUs" I2S section for more details about the sampling frequency (Fs), fMCK, fCK, DCK
values reflect only the digital peripheral behavior, source clock precision might slightly
change the values DCK depends mainly on ODD bit value. Digital contribution leads to a min
of (I2SDIV/(2*I2SDIV+ODD) and a max (I2SDIV+ODD)/(2*I2SDIV+ODD) and Fs max
supported for each mode/condition.
Table 84. I2S characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCLK
I2S Main clock
output
-
256x8 K 256 *Fs(2) MHz
fCK
I2S clock frequency
Master data
-
64xFs
MHz
Slave data
-
64xFs
DCK
I2S clock frequency
duty cycle
Slave receiver
30
70
%
tv(WS)
WS valid time
Master mode
-
6
ns
th(WS)
WS hold time
Master mode
3
-
Slave mode
2
-
tsu(WS)
WS setup time
Slave mode
4
-
tsu(SD_MR) Data input setup
time
Master receiver
3
-
tsu(SD_SR)
Slave receiver
4
-
th(SD_MR)
Data input hold time
Master receiver
4
-
th(SD_SR)
Slave receiver
2
-
tv(SD_ST) Data output valid
time
Slave transmitter (after
enable edge)
2.7 V ≤ VDD ≤ 3.6 V
-
15
1.65 V ≤ VDD ≤ 3.6 V
-
22
tv(SD_MT)
Master transmitter (after enable edge)
-
3
th(SD_ST) Data output hold
time
Slave transmitter (after enable edge)
7
-
th(SD_MT)
Master transmitter (after enable edge)
1
-
1. Guaranteed by characterization results, not tested in production.
2. 256xFs maximum is 49.152 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com