Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 149Page - STMicroelectronics STM32G431C6 Datasheet HTML 150Page - STMicroelectronics STM32G431C6 Datasheet HTML 151Page - STMicroelectronics STM32G431C6 Datasheet HTML 152Page - STMicroelectronics STM32G431C6 Datasheet HTML 153Page - STMicroelectronics STM32G431C6 Datasheet HTML 154Page - STMicroelectronics STM32G431C6 Datasheet HTML 155Page - STMicroelectronics STM32G431C6 Datasheet HTML 156Page - STMicroelectronics STM32G431C6 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 198 page
background image
DS12589 Rev 6
153/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
Figure 35. SPI timing diagram - slave mode and CPHA = 0
tv(SO)
Data output valid time
Slave mode
2.7 V < VDD < 3.6 V
Voltage Range V1
-9
12
ns
Slave mode
1.71 V < VDD < 3.6 V
Voltage Range V1
-9
18
Slave mode
1.71 V < VDD < 3.6 V
Voltage Range V2
-13
22
tv(MO)
Master mode
-
3.5
4.5
th(SO)
Data output hold time
Slave mode 1.71 V < VDD < 3.6 V
6
-
-
Slave mode Range V2
9
-
-
th(MO)
Master mode
2
-
-
1. Guaranteed by characterization results.
2. The maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which has to fit into
SCK low or high-phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a
master having tsu(MI) = 0 while Duty(SCK) = 50%.
Table 83. SPI characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max(2)
Unit
MSv41658V1
NSS input
CPHA=0
CPOL=0
CPHA=0
CPOL=1
MISO output
MOSI input
tsu(SI)
th(SI)
tw(SCKL)
tw(SCKH)
tc(SCK)
tr(SCK)
th(NSS)
tdis(SO)
tsu(NSS)
ta(SO)
tv(SO)
Next bits IN
Last bit OUT
First bit IN
First bit OUT
Next bits OUT
th(SO)
tf(SCK)
Last bit IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com