Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 157 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 153Page - STMicroelectronics STM32G431C6 Datasheet HTML 154Page - STMicroelectronics STM32G431C6 Datasheet HTML 155Page - STMicroelectronics STM32G431C6 Datasheet HTML 156Page - STMicroelectronics STM32G431C6 Datasheet HTML 157Page - STMicroelectronics STM32G431C6 Datasheet HTML 158Page - STMicroelectronics STM32G431C6 Datasheet HTML 159Page - STMicroelectronics STM32G431C6 Datasheet HTML 160Page - STMicroelectronics STM32G431C6 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 198 page
background image
DS12589 Rev 6
157/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
Table 85. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCLK
SAI Main clock output
-
-
50
MHz
fCK
SAI clock frequency(2)
Master transmitter
2.7 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-33
MHz
Master transmitter
1.71 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-22
Master receiver
Voltage Range 1
-22
Slave transmitter
2.7 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-45
Slave transmitter
1.71 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-29
Slave receiver
Voltage Range 1
-50
Slave transmitter
Voltage Range 2
-13
tv(FS)
FS valid time
Master mode
2.7 V ≤ VDD ≤ 3.6 V
-15
ns
Master mode
1.71 V ≤ VDD ≤ 3.6 V
-22
th(FS)
FS hold time
Master mode
10
-
ns
tsu(FS)
FS setup time
Slave mode
2
-
ns
th(FS)
FS hold time
Slave mode
1
-
ns
tsu(SD_A_MR)
Data input setup time
Master receiver
2.5
-
ns
tsu(SD_B_SR)
Slave receiver
1
-
th(SD_A_MR)
Data input hold time
Master receiver
5
-
ns
th(SD_B_SR)
Slave receiver
1
-
tv(SD_B_ST) Data output valid time
Slave transmitter (after enable edge)
2.7 V ≤ VDD ≤ 3.6 V
-11
ns
Slave transmitter (after enable edge)
1.71 V ≤ VDD ≤ 3.6 V
-17
Slave transmitter (after enable edge)
voltage range V2
-20
th(SD_B_ST) Data output hold time Slave transmitter (after enable edge)
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com