Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8593 Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
69
R17 (11h) – Right ADC Digital Volume Control Register (ADCR_VOL)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
ADCR_VU
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
ADCR_VOL[7:0]
Default
1
1
0
0
0
0
1
1
N/A = Not Applicable (no function implemented)
Function
Description
ADCR_VOL[7:0]
Right ADC Digital Volume
0000 0000 = Digital mute
0000 0001 = -97dB
0000 0010 = -96.5dB
…0.5dB steps
1100 0011 = 0dB
…0.5dB steps
1111 1110 = +29.5dB
1111 1111 = +30dB
ADCR_VU
Right ADC Digital Volume Update
0 = Latch ADCR_VOL[7:0] into Register Map but do not update volume
1 = Latch ADCR_VOL[7:0] into Register Map and update left and right channels simultaneously
Figure 41 R17 – Right ADC Digital Volume Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com