Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 17 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 13Page - NXP Semiconductors IMX7DCEC Datasheet HTML 14Page - NXP Semiconductors IMX7DCEC Datasheet HTML 15Page - NXP Semiconductors IMX7DCEC Datasheet HTML 16Page - NXP Semiconductors IMX7DCEC Datasheet HTML 17Page - NXP Semiconductors IMX7DCEC Datasheet HTML 18Page - NXP Semiconductors IMX7DCEC Datasheet HTML 19Page - NXP Semiconductors IMX7DCEC Datasheet HTML 20Page - NXP Semiconductors IMX7DCEC Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 161 page
background image
Modules list
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
17
The package contact assignments can be found in Section 6, “Package information and contact
assignments.” Signal descriptions are provided in the i.MX 7Dual Application Processor Reference
Manual (IMX7DRM).
Table 3. Special signal considerations
Signal Name
Remarks
CCM_CLK1_P/
CCM_CLK1_N
CCM_CLK2
One general purpose differential high speed clock input/output and one single-ended clock input
are provided.
Either or both of them can be used:
• To feed an external reference clock to the PLLs and to the modules inside the SoC, for
example, as an alternate reference clock for PCIe, Video/Audio interfaces and so forth.
• To output the internal SoC clock to be used outside the SoC as either a reference clock or as
a functional clock for peripherals; for example, it can be used as an output of the PCIe master
clock (root complex use)
See the i.MX 7Dual Application Processor Reference Manual (IMX7DRM) for details on the
respective clock trees.
The CCM_CLK1_* inputs/outputs are an LVDS differential pair.
Alternatively, a single-ended signal may be used to drive CCM_CLK1_P input. In this case
corresponding CCM_CLK1_N input should be tied to the constant voltage level equal to 1/2 of the
input signal swing.
Termination should be provided in case of high frequency signals.
See the LVDS pad electrical specification for further details. CCM_CLK2 is a single-ended input
referenced to ground.
After initialization:
• The CCM_CLK1_* inputs/outputs can be disabled if not used. Any of the unused CCM_CLK1_*
pins may be left floating.
• The CCM_CLK2 input should be grounded if not used.
RTC_XTALI/RTC_XTALO If the user wishes to configure RTC_XTALI and RTC_XTALO as an RTC oscillator, a 32.768 kHz
crystal, (100 k ESR, 10 pF load) should be connected between RTC_XTALI and RTC_XTALO. It
is recommended to use the configurable load capacitors provided in the IP instead of adding them
externally. To hit the exact oscillation frequency, the configurable capacitors need to be reduced
to account for board and chip parasitics.
The integrated oscillation amplifier is self biasing, but relatively weak. Care must be taken to limit
parasitic leakage from RTC_XTALI and RTC_XTALO to either power or ground (>100 M). This will
debias the amplifier and cause a reduction of startup margin. Typically RTC_XTALI and
RTC_XTALO should bias to approximately 0.5 V.
If it is desired to feed an external low frequency clock into RTC_XTALI, the RTC_XTALO pin
should be left floating or driven with a complimentary signal. The logic level of this forcing clock
should not exceed VDD_SNVS_CAP level.
In the case when a high-accuracy realtime clock is not required, the system may use internal low
frequency oscillator. It is recommended to connect RTC_XTALI to ground and keep RTC_XTALO
floating. This will however result in increased power consumption, because the internal oscillator
uses higher power than the RTC oscillator. Thus for lowest power configuration it is recommended
to always install a crystal.
XTALI/XTALO
A 24.0 MHz crystal should be connected between XTALI and XTALO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com