Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 99 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 95Page - NXP Semiconductors IMX7DCEC Datasheet HTML 96Page - NXP Semiconductors IMX7DCEC Datasheet HTML 97Page - NXP Semiconductors IMX7DCEC Datasheet HTML 98Page - NXP Semiconductors IMX7DCEC Datasheet HTML 99Page - NXP Semiconductors IMX7DCEC Datasheet HTML 100Page - NXP Semiconductors IMX7DCEC Datasheet HTML 101Page - NXP Semiconductors IMX7DCEC Datasheet HTML 102Page - NXP Semiconductors IMX7DCEC Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
99
The following subsections describe the CSI timing in gated and ungated clock modes.
4.10.8 MIPI PHY timing parameters
4.10.8.1 This section describes MIPI PHY electrical specifications.Electrical and Timing
Information
Table 76. Electrical and Timing Information
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
Input DC Specifications - Apply to DSI_CLK_P/DSI_CLK_N and DSI_DATA_P/DSI_DATA_N inputs
VI
Input signal voltage range
Transient voltage range is
limited from -300 mV to
1600 mV
-50
—
1350
mV
VLEAK
Input leakage current
VGNDSH(min) = VI =
VGNDSH(max) +
VOH(absmax)
Lane module in LP Receive
Mode
-10
—
10
mA
VGNDSH
Ground Shift
—
-50
—
50
mV
VOH(absmax)
Maximum transient output
voltage level
—
—
—
1.45
V
tvoh(absmax)
Maximum transient time
above VOH(absmax)
—
—
—
20
ns
HS Line Drivers DC Specifications
|VOD|
HS Transmit Differential
output voltage magnitude
80 = RL< = 125 
140
200
270
mV
|VOD|
Change in Differential output
voltage magnitude between
logic states
80 = RL< = 125 
—
—
10
mV
VCMTX
Steady-state common-mode
output voltage.
80 = RL< = 125 
150
200
250
mV
VCMTX(1,0)
Changes in steady-state
common-mode output voltage
between logic states
80 = RL< = 125 
—
—
5
mV
VOHHS
HS output high voltage
80 = RL< = 125 
—
—
360
mV
ZOS
Single-ended output
impedance.
—
40
50
62.5
ZOS
Single-ended output
impedance mismatch.
—
—
—
10
%
LP Line Drivers DC Specifications
VOL
Output low-level SE voltage
—
-50
50
mV
VOH
Output high-level SE voltage
—
1.1
1.2
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com