Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 22 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 18Page - NXP Semiconductors IMX7DCEC Datasheet HTML 19Page - NXP Semiconductors IMX7DCEC Datasheet HTML 20Page - NXP Semiconductors IMX7DCEC Datasheet HTML 21Page - NXP Semiconductors IMX7DCEC Datasheet HTML 22Page - NXP Semiconductors IMX7DCEC Datasheet HTML 23Page - NXP Semiconductors IMX7DCEC Datasheet HTML 24Page - NXP Semiconductors IMX7DCEC Datasheet HTML 25Page - NXP Semiconductors IMX7DCEC Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
22
4.1.2
Thermal resistance
4.1.2.1
FPBGA case “X” and case “Y” package thermal resistance
Table 8 displays the thermal resistance data.
Per JEDEC JESD51-2, the intent of thermal resistance measurements is solely for a thermal performance
comparison of one package to another in a standardized environment. This methodology is not meant to
and does not predict the performance of a package in an application-specific environment.
USB_OTG1_CHD_B open-drain pullup voltage
when external pullup resistor is connected to any
supply other than VDD_USB_OTG1_3P3_IN
USB_OTG2_CHD_B
—
1.975
V
Input/output voltage range
Vin/Vout
–0.3
OVDD1+0.3
V
ESD damage immunity:
Vesd
V
• Human Body Model (HBM)
• Charge Device Model (CDM)
—
—
2000
500
Storage temperature range
TSTORAGE
–40
150
oC
1 OVDD is the I/O supply voltage.
Table 8. Thermal Resistance Data
Rating
Test conditions
Symbol
12x12
pkg value
19x19
pkg value Unit
Junction to Ambient1
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
Single-layer board (1s); natural convection2
Four-layer board (2s2p); natural convection2
2 Per JEDEC JESD51-2 with the single layer board horizontal. Thermal test board meets JEDEC specification for the specified
package.
RJA
RJA
55.4
32.6
44.4
30.2
oC/W
oC/W
Junction to Ambient1
Single-layer board (1s); airflow 200 ft/min2,3
Four-layer board (2s2p); airflow 200 ft/min2,3
3 Per JEDEC JESD51-6 with the board horizontal.
RJA
RJA
41.8
28.0
34.3
25.8
oC/W
oC/W
Junction to Board1,4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
—
RJB
16.0
17.4
oC/W
Junction to Case1,5
—
RJC
10.5
10.4
oC/W
Junction to Package Top1,6
Natural Convection
JT
0.2
0.2
oC/W
Junction to Package Bottom
Natural Convection
RB_CSB
15.3
17.3
oC/W
Table 7. Absolute maximum ratings(continued)
Parameter Description
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com