Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 133 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 133 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 129Page - NXP Semiconductors IMX7DCEC Datasheet HTML 130Page - NXP Semiconductors IMX7DCEC Datasheet HTML 131Page - NXP Semiconductors IMX7DCEC Datasheet HTML 132Page - NXP Semiconductors IMX7DCEC Datasheet HTML 133Page - NXP Semiconductors IMX7DCEC Datasheet HTML 134Page - NXP Semiconductors IMX7DCEC Datasheet HTML 135Page - NXP Semiconductors IMX7DCEC Datasheet HTML 136Page - NXP Semiconductors IMX7DCEC Datasheet HTML 137Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
133
C02
SD1_RESET_B
NVCC_SD1
GPIO
ALT5
GPIO5_IO[2]
100K PD
D02
SD1_WP
NVCC_SD1
GPIO
ALT5
GPIO5_IO[1]
100K PD
E01
SD2_CD_B
NVCC_SD2
GPIO
ALT5
GPIO5_IO[9]
100K PD
G01
SD2_CLK
NVCC_SD2
GPIO
ALT5
GPIO5_IO[12]
100K PD
G02
SD2_CMD
NVCC_SD2
GPIO
ALT5
GPIO5_IO[13]
100K PD
F02
SD2_DATA0
NVCC_SD2
GPIO
ALT5
GPIO5_IO[14]
100K PD
E02
SD2_DATA1
NVCC_SD2
GPIO
ALT5
GPIO5_IO[15]
100K PD
H03
SD2_DATA2
NVCC_SD2
GPIO
ALT5
GPIO5_IO[16]
100K PD
G03
SD2_DATA3
NVCC_SD2
GPIO
ALT5
GPIO5_IO[17]
100K PD
J03
SD2_RESET_B
NVCC_SD2
GPIO
ALT5
GPIO5_IO[11]
100K PD
D01
SD2_WP
NVCC_SD2
GPIO
ALT5
GPIO5_IO[10]
100K PD
J06
SD3_CLK
NVCC_SD3
GPIO
ALT5
GPIO6_IO[0]
100K PD
L04
SD3_CMD
NVCC_SD3
GPIO
ALT5
GPIO6_IO[1]
100K PD
G06
SD3_DATA0
NVCC_SD3
GPIO
ALT5
GPIO6_IO[2]
100K PD
G07
SD3_DATA1
NVCC_SD3
GPIO
ALT5
GPIO6_IO[3]
100K PD
L07
SD3_DATA2
NVCC_SD3
GPIO
ALT5
GPIO6_IO[4]
100K PD
L06
SD3_DATA3
NVCC_SD3
GPIO
ALT5
GPIO6_IO[5]
100K PD
L05
SD3_DATA4
NVCC_SD3
GPIO
ALT5
GPIO6_IO[6]
100K PD
J07
SD3_DATA5
NVCC_SD3
GPIO
ALT5
GPIO6_IO[7]
100K PD
J05
SD3_DATA6
NVCC_SD3
GPIO
ALT5
GPIO6_IO[8]
100K PD
J04
SD3_DATA7
NVCC_SD3
GPIO
ALT5
GPIO6_IO[9]
100K PD
J02
SD3_RESET_B
NVCC_SD3
GPIO
ALT5
GPIO6_IO[11]
100K PD
J01
SD3_STROBE
NVCC_SD3
GPIO
ALT5
GPIO6_IO[10]
100K PD
AE13
SNVS_PMIC_ON_REQ
VDD_SNVS_IN
SNVS_PMIC_ON_REQ
AE11
SNVS_TAMPER0
VDDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER0
AC11
SNVS_TAMPER1
VDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER1
AC09
SNVS_TAMPER2
VDDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER2
AB09
SNVS_TAMPER9
VDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER9
AF06 TEMPSENSOR_RESERVE VDD_TEMPSENSOR_1P8
AF07
TEMPSENSOR_REXT
VDD_TEMPSENSOR_1P8
TEMPSENSOR_REXT
AA03
TEST_MODE
NVCC_GPIO1
GPIO
ALT0
TEST_MODE
100K PD
T01
UART1_RXD
NVCC_UART
GPIO
ALT5
GPIO4_IO[0]
100K PD
Table 99. i.MX 7Dual 12 x 12 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball type1 Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com