Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADMV8505ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Data Sheet
ADMV8505
REGISTER DETAILS
analog.com
Rev. 0 | 24 of 31
Table 18. Bit Descriptions for VARIANT
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
VARIANT
Variant.
0x1
R
Address: 0x011, Reset: 0x7F, Name: FAST_LATCH_STOP
Table 19. Bit Descriptions for FAST_LATCH_STOP
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
FAST_LATCH_STOP
Fast Latch Stop Index. This sets the stop index within the fast latch lookup table.
0x7F
R/W
Address: 0x012, Reset: 0x00, Name: FAST_LATCH_START
Table 20. Bit Descriptions for FAST_LATCH_START
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
FAST_LATCH_START
Fast Latch Start Index. This sets the start index within the fast latch lookup table.
0x0
R/W
Address: 0x013, Reset: 0x00, Name: FAST_LATCH_DIRECTION
Table 21. Bit Descriptions for FAST_LATCH_DIRECTION
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
FAST_LATCH_DIRECTION
Fast Latch Direction. This bit determines which direction to sequence within the fast latch lookup table.
When the direction is set to increment, then the internal state machine will be set to the start index.
When the direction is set to decrement, then the internal state machine will be set to the stop index.
0x0
R/W
0: Increment.
1: Decrement.
Address: 0x014, Reset: 0x00, Name: FAST_LATCH_STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com