Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMV8505ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Data Sheet
ADMV8505
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 31
INTERPOLATION EQUATIONS
The following equations describe the input to the interpolation
functions:
fCMIN=minfCENTER
(1)
fCMAX=maxfCENTER
(2)
fCSTEP≈fCMAX−fCMIN
255
(3)
x=FC_LOAD_X, Bits7:0
(4)
The anticipated fCENTER of the filter is then computed as follows:
fCENTER≈fCMIN+fCSTEP×x
(5)
The equations for the interpolation function of y = f(x) that deter-
mines the capacitor codes (CFC) are shown in Table 6.
Table 6. Equations for y = f(x)
Condition
Logic Shift Form1
If (0 ≤ x < 16)
y = Y1 +(((16 − x)(Y0 − Y1)) >> 4)
If (16 ≤ x < 32)
y = Y2 +(((32 − x)(Y1 − Y2)) >> 4)
If (32 ≤ x < 64)
y = Y3 +(((64 − x)(Y2 − Y3)) >> 5)
If (64 ≤ x < 96)
y = Y4 +(((96 − x)(Y3 − Y4)) >> 5)
If (96 ≤ x < 128)
y = Y5 +(((128 − x)(Y4 − Y5)) >> 5)
If (128 ≤ x < 160)
y = Y6 +(((160 − x)(Y5 − Y6)) >> 5)
If (160 ≤ x < 192)
y = Y7 +(((192 − x)(Y6 − Y7)) >> 5)
If (192 ≤ x < 224)
y = Y8 +(((224 − x)(Y7 − Y8)) >> 5)
If (224 ≤ x < 255)
y = Y9 +(((256 − x)(Y8 − Y9)) >> 5)
Else
y = Y9
1 Y0 to Y9 are the fCENTER coefficients.
The equations for the interpolation function of v = f(y) that deter-
mines the bandwidth capacitor codes (CBW) are shown in Table 7.
Table 7. Equations for v = f(y)
Condition
Logic Shift Form1
If (0 ≤ y < 32)
v = V0 + ((y × (V1 − V0)) >> 5)
If (32 ≤ y < 255)
v = V1 + (((y − 32) (V2 − V1) × 295) >> 16)
Else
v = V2
1 Y0 to Y2 are the bandwidth coefficients.
The equations for the interpolation function of t = f(y) that deter-
mines the match capacitor codes (CMATCH) are shown in Table 8.
Table 8. Equations for t = f(y)
Condition
Logic Shift Form1
If (0 ≤ y < 32)
t = T0 + ((y × (T1 − T0)) >> 5)
If (32 ≤ y < 255)
t = T1 + (((y − 32) (T2 − T1) × 295) >> 16)
Else
t = T2
1 T0 to T2 are the match coefficients.
INTERPOLATION TABLES
Solving the interpolation equations for the lower bounds of each
condition in the interpolation function of y = f(x) yields what is
detailed in Table 9.
Table 9. Equations for Anticipated fCENTER for Each Significant x Value
x
fCENTER
y = f(x)
0
fCENTER ≈ fCMIN
Y0
16
fCENTER ≈ fCMIN + fCSTEP × 16
Y1
32
fCENTER ≈ fCMIN + fCSTEP × 32
Y2
64
fCENTER ≈ fCMIN + fCSTEP × 64
Y3
96
fCENTER ≈ fCMIN + fCSTEP × 96
Y4
128
fCENTER ≈ fCMIN + fCSTEP × 128
Y5
160
fCENTER ≈ fCMIN + fCSTEP × 160
Y6
192
fCENTER ≈ fCMIN + fCSTEP × 192
Y7
224
fCENTER ≈ fCMIN + fCSTEP × 224
Y8
255
fCENTER ≈ fCMAX
Y9
Similarly, solving the equations for the lower bounds of each condi-
tion in the interpolation functions of v = f(y) and t = f(y) yields what
is detailed in Table 10.
Table 10. Equations for v = f(y) and t = f(y) for Each Significant y Value
y
v = f(y)
t = f(y)
0
V0
T0
32
V1
T1
255
V2
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com