Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV8505ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
ADMV8505
THEORY OF OPERATION
analog.com
Rev. 0 | 11 of 31
MODE SELECTION
The ADMV8505 has two modes of operation: SPI write and SPI fast
latch. The SPI write mode is the normal operating mode, and the
SPI fast latch mode is used to sequence through the on-chip lookup
table (LUT) using the internal state machine. To select the SPI write
mode, set the SFL pin low. For operation in SPI fast latch mode,
program the on-chip lookup table and fast latch parameters with the
SFL pin low. Then, bring the SFL pin high to enter the SPI fast latch
mode. Figure 21 shows a simplified representation of the SPI with
the register map and internal state machine.
Figure 21. Simplified SPI Diagram
SPI WRITE MODE
The SPI write mode has a write grouping (WR) in Register 0x020
through Register 0x022. The grouping consists of the following:
fCENTER load value
Bandwidth load value
Match load value
See the Register Details section more information regarding the
write grouping.
SPI STREAMING
In general, there are two types of SPI streaming transactions, Endi-
an register ascending order and descending order. The ADMV8505
supports only the ascending order. To enable SPI streaming with
Endian register ascending order, program Register 0x000 to value
0x3C.
For SPI streaming to the write grouping, Register 0x020 to
Register 0x022 (recommended), the transaction points to
Register 0x020 and streams out 3 bytes of data. The transaction is
40 bits in total (R/W bit + 15 bits address + 24 bits data).
For SPI streaming to the lookup table, Register 0x100 to
Register 0x15F (recommended), the transaction points to
Register 0x100 and streams out 96 bytes of data. The transaction is
784 bits in total (R/W bit + 15 bits address + 768 bits data).
INTERPOLATION FUNCTIONS
The ADMV8505 has three interpolation functions that allow the
user to specify the fCENTER of the filter using the fCENTER load
value only. Then, the appropriate capacitor codes are determined
automatically. To enable these functions, set the INTERPOLATE bit
(Register 0x050) high. Figure 22 shows a simplified diagram of the
interpolation functions.
Figure 22. Interpolation Diagram
When the interpolation functions are enabled, the fCENTER load
range is 0 to 255, where 0 corresponds to the lowest frequency, and
255 corresponds to the highest frequency. For example, a value
of 0 corresponds to approximately 225 MHz, and 255 corresponds
to approximately 520 MHz. The fCENTER load value is used to
determine the appropriate capacitor codes based on the on-chip
interpolation coefficients.
By default, the recommended interpolation coefficients are set for
nominal bandwidth. The interpolation coefficients can be adjusted
between ± 2% of nominal bandwidth with reasonable insertion
loss. Narrower bandwidth, down to approximately 5%, can also be
achieved at the expense of insertion loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com