Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADMV8505ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Data Sheet
ADMV8505
REGISTER DETAILS
analog.com
Rev. 0 | 28 of 31
Address: 0x302, Reset: 0x88, Name: INTERP_FC_Y2
Table 35. Bit Descriptions for INTERP_FC_Y2
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y2
Center Frequency Interpolation Point Y2.
0x88
R/W
Address: 0x303, Reset: 0x64, Name: INTERP_FC_Y3
Table 36. Bit Descriptions for INTERP_FC_Y3
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y3
Center Frequency Interpolation Point Y3.
0x64
R/W
Address: 0x304, Reset: 0x4B, Name: INTERP_FC_Y4
Table 37. Bit Descriptions for INTERP_FC_Y4
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y4
Center Frequency Interpolation Point Y4.
0x4B
R/W
Address: 0x305, Reset: 0x3A, Name: INTERP_FC_Y5
Table 38. Bit Descriptions for INTERP_FC_Y5
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y5
Center Frequency Interpolation Point Y5.
0x3A
R/W
Address: 0x306, Reset: 0x2D, Name: INTERP_FC_Y6
Table 39. Bit Descriptions for INTERP_FC_Y6
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y6
Center Frequency Interpolation Point Y6.
0x2D
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com