Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADMV8505ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Data Sheet
ADMV8505
REGISTER DETAILS
analog.com
Rev. 0 | 29 of 31
Address: 0x307, Reset: 0x23, Name: INTERP_FC_Y7
Table 40. Bit Descriptions for INTERP_FC_Y7
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y7
Center Frequency Interpolation Point Y7.
0x23
R/W
Address: 0x308, Reset: 0x1C, Name: INTERP_FC_Y8
Table 41. Bit Descriptions for INTERP_FC_Y8
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y8
Center Frequency Interpolation Point Y8.
0x1C
R/W
Address: 0x309, Reset: 0x16, Name: INTERP_FC_Y9
Table 42. Bit Descriptions for INTERP_FC_Y9
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y9
Center Frequency Interpolation Point Y9.
0x16
R/W
Address: 0x30A, Reset: 0x03, Name: INTERP_BW_V0
Table 43. Bit Descriptions for INTERP_BW_V0
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_BW_V0
Bandwidth Interpolation Point V0.
0x3
R/W
Address: 0x30B, Reset: 0x07, Name: INTERP_BW_V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com