Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV8505ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Data Sheet
ADMV8505
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Digitally tunable, octave, band-pass tuning
3 dB bandwidth: 9% ± 2%
Rejection (20 dB): 19% away from fCENTER
Single chip replacement for discrete filter banks
Compact 10 mm × 10 mm LGA package
APPLICATIONS
Land mobile radios
Test and measurement equipment
Military radars and electronic warfare and electronic counter-
measures
Satellite communications
Industrial and medical equipment
GENERAL DESCRIPTION
The ADMV85051 is an RF band-pass filter that features a digital-
ly selectable frequency of operation. The filter center frequency
(fCENTER) can be adjusted from 225 MHz to 520 MHz using an
8-bit value (256 states) that incorporates a patented calibration
technique.
The typical 3 dB bandwidth is 9%, and adjustability is ±2%. Inser-
tion loss is typically 4.5 dB, and the 20 dB rejection is 19% away
from the fCENTER, which is ideally suited for minimizing system
interferers.
The ADMV8505 tunable filter can be used as a smaller alternative
to large switched filter banks and discrete component-based tuna-
ble filters, providing a dynamically adjustable solution in advanced
communications applications.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
1 Protected by U.S. Patent Number 11201600B1.


Similar Part No. - ADMV8505ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8502 AD-ADMV8502 Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502-EVALZ AD-ADMV8502-EVALZ Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502ACCZ AD-ADMV8502ACCZ Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502ACCZ-R7 AD-ADMV8502ACCZ-R7 Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results

Similar Description - ADMV8505ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
Low Pass Filter DC to 225 MHz
BHP-250 MINI-BHP-250 Datasheet
71Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
NHP-250 MINI-NHP-250 Datasheet
100Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
SHP-250 MINI-SHP-250 Datasheet
128Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
logo
Johanson Technology Inc...
2450BP07A0100 JOHANSON-2450BP07A0100 Datasheet
128Kb / 2P
2450 MHz Band Pass Filter
logo
Hittite Microwave Corpo...
HMC897 HITTITE-HMC897_12 Datasheet
805Kb / 8P
FILTER - TUNABLE, BAND PASS
logo
Central Technologies
CT5HTF CT-CT5HTF Datasheet
428Kb / 1P
Tunable Band Pass Filter
logo
Analog Devices
ADMV8526 AD-ADMV8526 Datasheet
1Mb / 31P
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
ADMV8913-EP AD-ADMV8913-EP Datasheet
521Kb / 23P
X Band, Digitally Tunable, High-Pass Filter and Low-Pass Filter
Rev. 0
ADMV8513 AD-ADMV8513 Datasheet
1Mb / 31P
520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com