Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6306 Datasheet(PDF) 17 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 17 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 13Page - VIA Technologies, Inc. VT6306 Datasheet HTML 14Page - VIA Technologies, Inc. VT6306 Datasheet HTML 15Page - VIA Technologies, Inc. VT6306 Datasheet HTML 16Page - VIA Technologies, Inc. VT6306 Datasheet HTML 17Page - VIA Technologies, Inc. VT6306 Datasheet HTML 18Page - VIA Technologies, Inc. VT6306 Datasheet HTML 19Page - VIA Technologies, Inc. VT6306 Datasheet HTML 20Page - VIA Technologies, Inc. VT6306 Datasheet HTML 21Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-11-
Pinouts
Ground
Signal Name
Pin #
I/O
Signal Description
GND
1, 9, 16, 26, 34, 36, 94,
103, 111, 115, 121
P
Ground.
GNDRAM
25
P
Internal SRAM Ground.
GNDSUS
41, 50
P
Suspend Ground.
GNDARX0
64
P
Analog Ground for 1394 Receive Channel 0.
GNDATX0
59
P
Analog Ground for 1394 Transmit Channel 0.
GNDARX1
68
P
Analog Ground for 1394 Receive Channel 1.
GNDATX1
69
P
Analog Ground for 1394 Transmit Channel 1.
GNDARX2
82
P
Analog Ground for 1394 Receive Channel 2.
GNDATX2
83
P
Analog Ground for 1394 Transmit Channel 2.
Note 1: A combination of high frequency decoupling capacitors is suggested on all analog power / ground pairs.
Note 2: All grounds should be connected to the primary circuit board ground plane (i.e., to the lowest impedance point available).
Note 3: VCCRAM should be connected to VCC power plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com