Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6306 Datasheet(PDF) 28 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 28 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 24Page - VIA Technologies, Inc. VT6306 Datasheet HTML 25Page - VIA Technologies, Inc. VT6306 Datasheet HTML 26Page - VIA Technologies, Inc. VT6306 Datasheet HTML 27Page - VIA Technologies, Inc. VT6306 Datasheet HTML 28Page - VIA Technologies, Inc. VT6306 Datasheet HTML 29Page - VIA Technologies, Inc. VT6306 Datasheet HTML 30Page - VIA Technologies, Inc. VT6306 Datasheet HTML 31Page - VIA Technologies, Inc. VT6306 Datasheet HTML 32Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-22-
Register Descriptions
Memory Offset 1C – 1394 Bus ID .................................... RO
This register maps to the 1st 32-bit word of the bus info block.
31-0 Bus ID
........always reads 31333934h (ASCII “1394”)
Memory Offset 20 – 1394 Bus Options ........................... RW
This register maps to the 2nd quadword of the bus info block.
31
Isochronous Resource Manager Capable
0
Not capable
1
Capable.................................................. default
30
Cycle Master Capable
0
Not capable
1
Capable.................................................. default
29
Isochronous Capable
0
Not capable
1
Capable.................................................. default
28
Bus Manager Capable
0
Not capable
1
Capable.................................................. default
27
Power Management Capable
0
Not capable ........................................... default
1
Capable
26-24 Reserved
........................................ always reads 0
23-16 Cycle Clock Acc
1394 Bus Management Field. This field must be
written with valid data prior to setting the “HC
Control” register “link enable” bit.
15-12 Received Block Write Request Packet Max Length
1394 Bus Management Field. This field must be
written with valid data prior to setting the “HC
Control” register “link enable” bit. Received block
write request packets with a length greater than the
value contained in this field may generate an
“ack_type_error”.
11-8 Reserved
........................................ always reads 0
7-6
Configuration ROM Changed Since Last Bus
Reset
0
Configuration ROM not changed .......... default
1
Configuration ROM changed
5-3
Reserved
........................................ always reads 0
2-0
Max Link Speed
.................................... default = 010
Memory Offset 24 – Global Unique ID High.................. RW
This register maps to the 3rd 32-bit word of the bus info block.
Contents are cleared by hardware reset but are not affected by
software reset. Read/Write if Rx44[0] is cleared, Read/Only if
Rx44[0] is set.
31-8 Node Vendor ID
........................................default = 0
1394 Bus Management Field. Must be set prior to
setting the “HC Control” register “link enable” bit.
7-0
Chip ID High
.............................................default = 0
1394 Bus Management Field. Must be set prior to
setting the “HC Control” register “link enable” bit.
Memory Offset 28 – Global Unique ID Low................... RW
This register maps to the 4th 32-bit word of the bus info block.
Contents are cleared by hardware reset but are not affected by
software reset. Read/Write if Rx44[0] is cleared, Read/Only if
Rx44[0] is set.
31-0 Chip ID Low
..............................................default = 0
1394 Bus Management Field. Must be set prior to
setting the “HC Control” register “link enable” bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com