Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6306 Datasheet(PDF) 33 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 33 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 29Page - VIA Technologies, Inc. VT6306 Datasheet HTML 30Page - VIA Technologies, Inc. VT6306 Datasheet HTML 31Page - VIA Technologies, Inc. VT6306 Datasheet HTML 32Page - VIA Technologies, Inc. VT6306 Datasheet HTML 33Page - VIA Technologies, Inc. VT6306 Datasheet HTML 34Page - VIA Technologies, Inc. VT6306 Datasheet HTML 35Page - VIA Technologies, Inc. VT6306 Datasheet HTML 36Page - VIA Technologies, Inc. VT6306 Datasheet HTML 37Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-27-
Register Descriptions
Link Control Registers
Memory Offset DC – Fairness Control............................ RO
31-8 Reserved
........................................ always reads 0
7-0
Requests Per Fairness Interval
............... default = 0
The number of request packets allowed to be
transmitted per fairness interval
Memory Offset E0 (Set), E4 (Clear) – Link Control ..... RW
This register contains the control flags that enable and
configure the link core protocol portions of the chip.
It
contains controls for the receiver and cycle timer.
31-22 Reserved
........................................ always reads 0
21
Cycle Master
............................... default = undefined
0
Received cycle start packets will be accepted
to maintain synchronization with the node that
is sending them.
1
If the PHY has sent notification that it is root,
a cycle start packet will be generated every
time the cycle timer rolls over, based on the
setting of the “Cycle Source” bit.
This bit is cleared automatically if the “Cycle Too
Long” interrupt event occurs and cannot be set until
the “Cycle Too Long” interrupt event bit is cleared.
20
Cycle Timer Enable
.................... default = undefined
0
Cycle timer offset will not count
1
Cycle Timer offset will count cycles of the
24.576 MHz clock and roll over at the
appropriate time based on the settings of the
above bits
19-11 Reserved
........................................ always reads 0
10
Receive PHY Packet
................................. default = 0
0
All PHY packets received outside of the self-
ID phase are ignored
1
The receiver will accept incoming PHY
packets into the AR request context if the AR
request context is enabled. This bit does not
control receipt of self-ID packets.
9
Receive Self-ID
......................................... default = 0
0
All self-ID packets are ignored
1
The
receiver
will
accept
incoming
self-
identification packets. Before setting this bit,
software must ensure that the self-ID buffer
pointer register contains a valid address.
8-0
Reserved
........................................ always reads 0
Memory Offset E8 – Node ID .......................................... RW
This register contains the CSR address for the node on which
this chip resides. The 16-bit combination of the Bus Number
and Node Number fields is referred to as the “Node ID”. The
Node Number field is updated when register 0 is sent from the
PHY. This can happen either because software requested a
read from the PHY through the PHY Control register or
because the PHY is sending the register (most likely due to a
bus reset).
31
ID Valid
0
No valid node number (cleared by bus reset)
1
Valid node number received from PHY
30
Root
This bit is set to 0 or 1 during bus reset
0
Attached PHY is not root .............................def
1
Attached PHY is root
29-28 Reserved
........................................always reads 0
27
Cable Power Status
0
PHY reports cable power status is not OK...def
1
PHY reports cable power status is OK.
26-16 Reserved
........................................always reads 0
15-6 Bus Number
................................... default = all ones
Used to identify the specific 1394 bus to which this
node belongs when multiple 1394-compatible buses
are connected via a bridge (set to 3FFh by bus reset)
5-0
Node Number
............................................default = 0
The physical node number established by the PHY
during self-identification and automatically set to the
value received from the PHY after the self-
identification phase. If the PHY sets this field to 63
(all ones), all link-level transmits are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com