| Electronic Components Datasheet Search |
|
VT6306 Datasheet(PDF) 35 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT6306 Datasheet(HTML) 35 Page - VIA Technologies, Inc. |
|
35 / 59 page ![]() We Connect We Connect We Connect We Connect Technologies,Inc. VT6306 PCI 1394a Host Controller Revision 1.16 July 19, 2002 -29- Register Descriptions Filter Registers Offset 100 (Set), 104 (Clear) – Async Req Filter High .. RW 31 Async Request Resources All Buses 0 Asynchronous requests received from non- local bus nodes will be accepted only if the bit which is set corresponds to the node number (see the remaining bits of this register and the “Async Request Filter Low” register).... default 1 All asynchronous requests received from non- local bus nodes will be accepted. Bus reset does not affect the value of this bit. 30-0 Async Request Resource “N” .................. default = 0 If set to one for local bus node number N+32, asynchronous requests received from that node number will be accepted. The bit number corresponds to the node number + 32. Bus reset sets all bits of this field to 0. Offset 108 (Set), 10C (Clear) – Async Req Filter Low .. RW 31-0 Async Request Resource “N” .................. default = 0 If set to one for local bus node number N, asynchronous requests received from that node number will be accepted. The bit number corresponds to the node number. Bus reset sets all bits of this field to 0. Offset 110 (Set), 114 (Clear) – Physical Req Filter HighRW 31 Physical Request Resources All Buses 0 Asynchronous physical requests received from non-local bus nodes will be accepted only if the bit which is set corresponds to the node number (see the remaining bits of this register and the “Physical Request Filter Low” register). default 1 All asynchronous physical requests received from non-local bus nodes will be accepted. Bus reset does not affect the value of this bit. 30-0 Physical Request Resource “N” ...............default = 0 If set to one for local bus node number N+32, asynchronous physical requests received from that node number will be accepted. The bit number corresponds to the node number + 32. Bus reset sets all bits of this field to 0. Offset 118 (Set), 11C (Clear) – Physical Req Filter LowRW 31-0 Physical Request Resource “N” ...............default = 0 If set to one for local bus node number N, asynchronous physical requests received from that node number will be accepted. The bit number corresponds to the node number. Bus reset sets all bits of this field to 0. Offset 120 – Physical Upper Bound................................. RW 31-0 Physical Upper Bound ..............................default = 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |