Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6306 Datasheet(PDF) 46 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 46 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 42Page - VIA Technologies, Inc. VT6306 Datasheet HTML 43Page - VIA Technologies, Inc. VT6306 Datasheet HTML 44Page - VIA Technologies, Inc. VT6306 Datasheet HTML 45Page - VIA Technologies, Inc. VT6306 Datasheet HTML 46Page - VIA Technologies, Inc. VT6306 Datasheet HTML 47Page - VIA Technologies, Inc. VT6306 Datasheet HTML 48Page - VIA Technologies, Inc. VT6306 Datasheet HTML 49Page - VIA Technologies, Inc. VT6306 Datasheet HTML 50Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-40-
Functional Descriptions
a port in a low power state is capable of detecting connection status changes and detecting incoming TPBIAS. When all three ports
are suspended, all circuits except the connect-detect circuits and bias-detect circuits are powered down, resulting in significant
power savings. The connect-detect circuit monitors the value of incoming TPA pair common-mode voltage when local TPBIAS is
inactive. A very small current source charges the XTPBIAS pin to almost VCC when the cable is not connected. Before the
connect-detect circuit is enabled, the VT6306 enables a bias-discharger to improve the later-on connect-detect quality. Both the
cable bias-detect monitor and connect-detect monitor are used in connect / suspend / resume / disable signaling. For additional
details of suspend / resume / disable operation, refer to the IEEE P1394a V4.0 specification.
Twisted-Pair TPA and TPB
The line drivers operate in a high-impedance current mode, and are designed to work with external 110 Ohm line-termination
resistor networks in order to match the 110 Ohm cable impedance. One network is provided at each end of all twisted-pair cable.
Each network is composed of a pair of series-connected 55 Ohm resistors. The midpoint of the pair of resistors that is directly
connected to the twisted-pair TPA pins is connected to its corresponding XTPBIAS pin. The midpoint of the pair of resistors that is
directly connected to the twisted-pair B pins is coupled to ground through a parallel RC network with recommended values of 5K
Ohm and 270 pF. The values of the external line termination resistors are designed to meet the standard specifications when
connected in parallel with the internal receiver circuits.
Bandgap Current Generation
An external resistor connected between the XRES pin and ground sets the driver output current, as well as internal operating
currents. This current setting resistor has a value of 6.34K Ohm +/- 1%.
Power Off
When the power supply of the VT6306 is removed while the twisted-pair cables are connected, the VT6306 transmitter / receiver
circuitry and the XTPBIAS pin presents a high impedance state. As the consequence, peer PHYs see the VT6306 as unconnected.
Unimplemented Ports
When the VT6306 is used with one or more of the ports not brought out to a connector, some of the twisted-pair pins of the unused
ports can be left unconnected to reduce implementation cost. For each unused port, the XTPBIAS pins can be tied to analog power
(VCCA) for more reliable operation. The XTPAP, XTPAM, XTPBP and XTPBM pins of an unused port can be left unconnected.
CMC, PC0, PC1, PC2 Strapping
CMC and PC[0:2] are used as strapping pins to set the default value for four configuration status bits in the self-ID packet and
should be hard-wired high or low as a function of the equipment design. The PC0, PC1, and PC2 pins are used to indicate the
default power-class status for the node (the need for power from the cable or the ability to supply power to the cable). See Table 7
below for power class encoding. The CMC pin is used as an input to indicate that the node is a contender for bus manager.
Table 7. Power Class Pin Strapping
PC[0:2] Power Consumption and Source Characteristics
000b
Node does not need power and does not repeat power
001b
Node is self-powered and provides a minimum of 15W to the bus
010b
Node is self-powered and provides a minimum of 30W to the bus
011b
Node is self-powered and provides a minimum of 45W to the bus
100b
Node may be powered from the bus and is using up to 1W
101b
Node is powered from the bus and is using up to 1W. An additional 2W is needed to enable the link and higher layers.
110b
Node is powered from the bus and is using up to 1W. An additional 5W is needed to enable the link and higher layers.
111b
Node is powered from the bus and is using up to 1W. An additional 9W is needed to enable the link and higher layers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com