Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8579 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8579
Description  LCD column driver for dot matrix graphic displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8579 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8579 Datasheet HTML 1Page - NXP Semiconductors PCF8579 Datasheet HTML 2Page - NXP Semiconductors PCF8579 Datasheet HTML 3Page - NXP Semiconductors PCF8579 Datasheet HTML 4Page - NXP Semiconductors PCF8579 Datasheet HTML 5Page - NXP Semiconductors PCF8579 Datasheet HTML 6Page - NXP Semiconductors PCF8579 Datasheet HTML 7Page - NXP Semiconductors PCF8579 Datasheet HTML 8Page - NXP Semiconductors PCF8579 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
1997 Apr 01
5
Philips Semiconductors
Product specification
LCD column driver for dot matrix graphic
displays
PCF8579
6
PINNING
Note
1. Do not connect, this pin is reserved.
SYMBOL
PINS
DESCRIPTION
VSO56
LQFP64
SDA
1
7
I2C-bus serial data input/output
SCL
2
8
I2C-bus serial clock input
SYNC
3
9
cascade synchronization input
CLK
4
10
external clock input
VSS
5
11
ground (logic)
TEST
6
12
test pin (connect to VSS)
SA0
7
13
I2C-bus slave address input (bit 0)
A3 to A0
8 to 11
14, 16 to 18
I2C-bus subaddress inputs
VDD
12
20
supply voltage
n.c.
13(1)
15, 19, 21,25 to 29, 34
not connected
V3, V4
14 and 15
22 and 23
LCD bias voltage inputs
VLCD
16
24
LCD supply voltage
C39 to C0
17 to 56
30 to 33, 35 to 64 and 1 to 6
LCD column driver outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com