| Electronic Components Datasheet Search |
|
PCF8579 Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8579 Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 40 page ![]() 1997 Apr 01 16 Philips Semiconductors Product specification LCD column driver for dot matrix graphic displays PCF8579 8I2C-BUS PROTOCOL Two 7-bit slave addresses (0111100 and 0111101) are reserved for both the PCF8578 and PCF8579. The least significant bit of the slave address is set by connecting input SA0 to either logic 0 (VSS) or logic 1 (VDD). Therefore, two types of PCF8578 or PCF8579 can be distinguished on the same I2C-bus which allows: 1. One PCF8578 to operate with up to 32 PCF8579s on the same I2C-bus for very large applications. 2. The use of two types of LCD multiplex schemes on the same I2C-bus. In most applications the PCF8578 will have the same slave address as the PCF8579. The I2C-bus protocol is shown in Fig.11. All communications are initiated with a start condition (S) from the I2C-bus master, which is followed by the desired slave address and read/write bit. All devices with this slave address acknowledge in parallel. All other devices ignore the bus transfer. In WRITE mode (indicated by setting the read/write bit LOW) one or more commands follow the slave address acknowlegement. The commands are also acknowledged by all addressed devices on the bus. The last command must clear the continuation bit C. After the last command a series of data bytes may follow. The acknowlegement after each byte is made only by the (A0, A1, A2 and A3) addressed PCF8579 or PCF8578 with its implicit subaddress 0. After the last data byte has been acknowledged, the I2C-bus master issues a stop condition (P). In READ mode, indicated by setting the read/write bit HIGH, data bytes may be read from the RAM following the slave address acknowlegement. After this acknowlegement the master transmitter becomes a master receiver and the PCF8579 becomes a slave transmitter. The master receiver must acknowledge the reception of each byte in turn. The master receiver must signal an end of data to the slave transmitter, by not generating an acknowledge on the last byte clocked out of the slave. The slave transmitter then leaves the data line HIGH, enabling the master to generate a stop condition (P). Display bytes are written into, or read from, the RAM at the address specified by the data pointer and subaddress counter. Both the data pointer and subaddress counter are automatically incremented, enabling a stream of data to be transferred either to, or from, the intended devices. In multiple device applications, the hardware subaddress pins of the PCF8579s (A0 to A3) are connected to VSS or VDD to represent the desired hardware subaddress code. If two or more devices share the same slave address, then each device must be allocated a unique hardware subaddress. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |