Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8579 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8579
Description  LCD column driver for dot matrix graphic displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8579 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8579 Datasheet HTML 20Page - NXP Semiconductors PCF8579 Datasheet HTML 21Page - NXP Semiconductors PCF8579 Datasheet HTML 22Page - NXP Semiconductors PCF8579 Datasheet HTML 23Page - NXP Semiconductors PCF8579 Datasheet HTML 24Page - NXP Semiconductors PCF8579 Datasheet HTML 25Page - NXP Semiconductors PCF8579 Datasheet HTML 26Page - NXP Semiconductors PCF8579 Datasheet HTML 27Page - NXP Semiconductors PCF8579 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
1997 Apr 01
24
Philips Semiconductors
Product specification
LCD column driver for dot matrix graphic
displays
PCF8579
12 DC CHARACTERISTICS
VDD = 2.5 to 6 V; VSS =0V; VLCD =VDD − 3.5 V to VDD − 9V;Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. Outputs are open; inputs at VDD or VSS; I2C-bus inactive; clock with 50% duty factor.
2. Resets all logic when VDD <VPOR.
3. Periodically sampled; not 100% tested.
4. Resistance measured between output terminal (C0 to C39) and bias input (V3, V4, VDD and VLCD) when the specified
current flows through one output under the following conditions (see Table 1):
a)
− Vop =VDD − VLCD =9V;
b)
− V3 − VLCD ≥ 4.70 V; V4 − VLCD ≤ 4.30 V; ILOAD = 100 µA.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
2.5
−
6.0
V
VLCD
LCD supply voltage
VDD − 9 −
VDD − 3.5 V
IDD
supply current
fCLK = 2 kHz; note 1
−
920
µA
VPOR
power-on reset level
note 2
−
1.3
1.8
V
Logic
VIL
LOW level input voltage
VSS
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
ILI1
leakage current at pins SDA, SCL,
SYNC, CLK, TEST, SA0, A0, A1, A2
and A3
Vi =VDD or VSS
−1
−
+1
µA
IOL
LOW level output current at pin SDA
VOL = 0.4 V; VDD =5V 3
−−
mA
Ci
input capacitance
note 3
−−
5pF
LCD outputs
ILI2
leakage current at pins V3 to V4
Vi =VDD or VLCD
−2
−
+2
µA
VDC
DC component of LCD drivers pins
C0 to C39
−±20
−
mV
RCOL
output resistance at pins C0 to C39
note 4
−
36
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com