Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8579 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8579
Description  LCD column driver for dot matrix graphic displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8579 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8579 Datasheet HTML 21Page - NXP Semiconductors PCF8579 Datasheet HTML 22Page - NXP Semiconductors PCF8579 Datasheet HTML 23Page - NXP Semiconductors PCF8579 Datasheet HTML 24Page - NXP Semiconductors PCF8579 Datasheet HTML 25Page - NXP Semiconductors PCF8579 Datasheet HTML 26Page - NXP Semiconductors PCF8579 Datasheet HTML 27Page - NXP Semiconductors PCF8579 Datasheet HTML 28Page - NXP Semiconductors PCF8579 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
1997 Apr 01
25
Philips Semiconductors
Product specification
LCD column driver for dot matrix graphic
displays
PCF8579
13 AC CHARACTERISTICS
All timing values are referred to VIH and VIL levels with an input voltage swing of VSS to VDD.
VDD = 2.5 to 6 V; VSS =0V; VLCD =VDD − 3.5 V to VDD − 9 V; Tamb = −40 to +85 °C; unless otherwise specified.
Note
1. Typically 0.9 to 3.3 kHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fclk
clock frequency
50% duty factor
−
note 1
10
kHz
tPLCD
driver delays
VDD − VLCD = 9 V; with test loads
−−
100
µs
I2C-bus
fSCL
SCL clock frequency
−−
100
kHz
tSW
tolerable spike width on bus
−−
100
ns
tBUF
bus free time
4.7
−−µs
tSU;STA
START condition set-up time
repeated start codes only
4.7
−−µs
tHD;STA
START condition hold time
4.0
−−µs
tLOW
SCL LOW time
4.7
−−µs
tHIGH
SCL HIGH time
4.0
−−µs
tr
SCL and SDA rise time
−−
1.0
µs
tf
SCL and SDA fall time
−−
0.3
µs
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
0
−−
ns
tSU;STO
STOP condition set-up time
4.0
−−µs
Fig.17 AC test loads.
MSA916
Ω
1.5 k
VDD
SDA
1 nF
C0 to C39
(2%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com