Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3683 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 11Page - Texas Instruments ADC3683 Datasheet HTML 12Page - Texas Instruments ADC3683 Datasheet HTML 13Page - Texas Instruments ADC3683 Datasheet HTML 14Page - Texas Instruments ADC3683 Datasheet HTML 15Page - Texas Instruments ADC3683 Datasheet HTML 16Page - Texas Instruments ADC3683 Datasheet HTML 17Page - Texas Instruments ADC3683 Datasheet HTML 18Page - Texas Instruments ADC3683 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
7 Detailed Description
7.1 Overview
The ADC3683-SP is a low noise, ultra-low power 18-bit high-speed dual channel ADC family supporting
sampling rates up to 65MSPS. It offers DC precision together with IF sampling support which makes it designed
for a wide range of applications. The device is equipped with an internal reference option, but it also supports the
use of an external, high precision 1.6V reference or an external 1.2V reference which is buffered and gained up
internally. Because of the inherent low latency architecture, the digital output result is available after only one or
two clock cycles depending on the digital output interface.
An optional programmable digital down converter enables external anti-alias filter relaxation as well as output
data rate reduction. The digital filter provides a 32-bit programmable NCO and supports both real or complex
decimation.
The ADC3683-SP uses a serial LVDS (SLVDS) interface to output the data which minimizes the number of
digital interconnects. The device supports a two-lane (2-wire), a one-lane (1-wire) and a half-lane (1/2-wire)
option. The device includes a digital output formatter which supports output resolutions from 14 to 20-bit.
The device features and control options can be set up either through pin configurations or via SPI register writes.
7.2 Functional Block Diagram
Control
AIN
CLK
VREF
ADC
18bit
1.2V REF
REFBUF
N
Digital Downconverter
NCO
BIN
ADC
18bit
N
NCO
0.95V
VCM
DB0/1
DCLKIN
DCLK
FCLK
DA0/1
Dig I/F
SLVDS
Crosspoint
Switch
www.ti.com
ADC3683-SP
SBASAB5 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com