Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3683 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 54 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 50Page - Texas Instruments ADC3683 Datasheet HTML 51Page - Texas Instruments ADC3683 Datasheet HTML 52Page - Texas Instruments ADC3683 Datasheet HTML 53Page - Texas Instruments ADC3683 Datasheet HTML 54Page - Texas Instruments ADC3683 Datasheet HTML 55Page - Texas Instruments ADC3683 Datasheet HTML 56Page - Texas Instruments ADC3683 Datasheet HTML 57Page - Texas Instruments ADC3683 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
Figure 9-5. Register 0x0D (PDN GLOBAL MASK)
7
6
5
4
3
2
1
0
0
0
0
0
MASK CLKBUF MASK REFAMP MASK BG DIS
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 9-6. Register 0x0D Field Descriptions
Bit
Field
Type
Reset
Description
7-4
0
R/W
0
Must write 0
3
MASK CLKBUF
R/W
0
Global power down mask control for sampling clock input buffer.
0: Clock buffer will get powered down when global power down
is exercised.
1: Clock buffer will NOT get powered down when global power
down is exercised.
2
MASK REFAMP
R/W
0
Global power down mask control for reference amplifier.
0: Reference amplifier will get powered down when global power
down is exercised.
1: Reference amplifier is NOT powered down when global power
down is exercised.
1
MASK BG DIS
R/W
0
Global power down mask control for internal 1.2V bandgap
voltage reference. Setting this bit reduces power consumption
in global power down mode but increases the wake up time. See
the power down option overview.
0: Internal 1.2V bandgap voltage reference is NOT powered
down when global power down is exercised.
1: Internal 1.2V bandgap voltage reference is powered down
when global power down is exercised.
0
0
R/W
0
Must write 0
ADC3683-SP
SBASAB5 – MARCH 2024
www.ti.com
54
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com